Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 13Page - Texas Instruments LMC6482 Datasheet HTML 14Page - Texas Instruments LMC6482 Datasheet HTML 15Page - Texas Instruments LMC6482 Datasheet HTML 16Page - Texas Instruments LMC6482 Datasheet HTML 17Page - Texas Instruments LMC6482 Datasheet HTML 18Page - Texas Instruments LMC6482 Datasheet HTML 19Page - Texas Instruments LMC6482 Datasheet HTML 20Page - Texas Instruments LMC6482 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
A ±7.5V input signal greatly exceeds the 3V supply in Figure 58 causing no phase inversion due to RI.
Figure 57. Input Signal
Applications that exceed this rating must externally limit the maximum input current to ±5mA with an input
resistor (RI) as shown in Figure 58.
RI input current protection for voltages exceeding the supply voltages.
Figure 58. RI Input Current Protection for
Voltages Exceeding the Supply Voltages
RAIL-TO-RAIL OUTPUT
The approximated output resistance of the LMC6482 is 180
Ω sourcing and 130Ω sinking at VS = 3V and 110Ω
sourcing and 80
Ω sinking at Vs = 5V. Using the calculated output resistance, maximum output voltage swing can
be estimated as a function of load.
CAPACITIVE LOAD TOLERANCE
The LMC6482 can typically directly drive a 100pF load with VS = 15V at unity gain without oscillating. The unity
gain follower is the most sensitive configuration. Direct capacitive loading reduces the phase margin of op-amps.
The combination of the op-amp's output impedance and the capacitive load induces phase lag. This results in
either an under damped pulse response or oscillation.
Capacitive load compensation can be accomplished using resistive isolation as shown in Figure 59. This simple
technique is useful for isolating the capacitive inputs of multiplexers and A/D converters.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com