Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 19Page - Texas Instruments LMC6482 Datasheet HTML 20Page - Texas Instruments LMC6482 Datasheet HTML 21Page - Texas Instruments LMC6482 Datasheet HTML 22Page - Texas Instruments LMC6482 Datasheet HTML 23Page - Texas Instruments LMC6482 Datasheet HTML 24Page - Texas Instruments LMC6482 Datasheet HTML 25Page - Texas Instruments LMC6482 Datasheet HTML 26Page - Texas Instruments LMC6482 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
Operating from the same supply voltage, the LMC6482 buffers the ADC12038 maintaining excellent accuracy.
Figure 71. Buffering the ADC12038 with the LMC6482
INSTRUMENTATION CIRCUITS
The LMC6482 has the high input impedance, large common-mode range and high CMRR needed for designing
instrumentation circuits. Instrumentation circuits designed with the LMC6482 can reject a larger range of
common-mode signals than most in-amps. This makes instrumentation circuits designed with the LMC6482 an
excellent choice of noisy or industrial environments. Other applications that benefit from these features include
analytic medical instruments, magnetic field detectors, gas detectors, and silicon-based transducers.
A small valued potentiometer is used in series with Rg to set the differential gain of the 3 op-amp instrumentation
circuit in Figure 72. This combination is used instead of one large valued potentiometer to increase gain trim
accuracy and reduce error due to vibration.
Figure 72. Low Power 3 Op-Amp Instrumentation Amplifier
A 2 op-amp instrumentation amplifier designed for a gain of 100 is shown in Figure 73. Low sensitivity trimming
is made for offset voltage, CMRR and gain. Low cost and low power consumption are the main advantages of
this two op-amp circuit.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com