Electronic Components Datasheet Search
  English  ▼

X  

LM7322MA Datasheet(PDF) 4 Page - Texas Instruments

Part # LM7322MA
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MA Datasheet(HTML) 4 Page - Texas Instruments

  LM7322MA Datasheet HTML 1Page - Texas Instruments LM7322MA Datasheet HTML 2Page - Texas Instruments LM7322MA Datasheet HTML 3Page - Texas Instruments LM7322MA Datasheet HTML 4Page - Texas Instruments LM7322MA Datasheet HTML 5Page - Texas Instruments LM7322MA Datasheet HTML 6Page - Texas Instruments LM7322MA Datasheet HTML 7Page - Texas Instruments LM7322MA Datasheet HTML 8Page - Texas Instruments LM7322MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
2.7V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VOUT = 1.35V, and RL > 1 MΩ to
1.35V. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
GBW
Gain Bandwidth
f = 50 kHz
16
MHz
en
Input Referred Voltage Noise Density
f = 2 kHz
11.9
nV/
in
Input Referred Current Noise Density
f = 2 kHz
0.5
pA/
V+ = 1.9V, V− =
−0.8V
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, RL = 100 kΩ, AV = +2
−77
dB
VOUT = 210 mVPP
CT Rej.
Crosstalk Rejection
f = 100 kHz, Driver RL = 10 kΩ
60
dB
±5V Electrical Characteristics
(1)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 5V, V− = −5V, V
CM = 0V, VOUT = 0V, and RL > 1 MΩ to 0V.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
−5
±0.7
+5
VOS
Input Offset Voltage
VCM = −4.5V and VCM = 4.5V
mV
−6
+6
VCM = −4.5V and VCM = 4.5V
TC VOS
Input Offset Voltage Temperature Drift
±2
µV/°C
(4)
VCM = −4.5V
−2.0
−1.2
(5)
−2.5
IB
Input Bias Current
µA
VCM = 4.5V
0.45
1.0
(5)
1.5
20
200
IOS
Input Offset Current
VCM = −4.5V and VCM = 4.5V
nA
300
80
100
−5V ≤ VCM ≤ 3V
70
CMRR
Common Mode Rejection Ratio
dB
65
80
−5V ≤ VCM ≤ 5V
62
78
104
PSRR
Power Supply Rejection Ratio
2.7V
≤ VS ≤ 30V, VCM = −4.5V
dB
74
−5.3
−5.1
−5.0
CMVR
Common Mode Voltage Range
CMRR > 50 dB
V
5.1
5.3
5.0
−4V ≤ VO ≤ 4V
74
80
RL = 10 kΩ to 0V
70
AVOL
Open Loop Voltage Gain
dB
−4V ≤ VO ≤ 4V
68
74
RL = 2 kΩ to 0V
65
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com