Electronic Components Datasheet Search
  English  ▼

X  

LM7322MA Datasheet(PDF) 10 Page - Texas Instruments

Part # LM7322MA
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM7322MA Datasheet HTML 6Page - Texas Instruments LM7322MA Datasheet HTML 7Page - Texas Instruments LM7322MA Datasheet HTML 8Page - Texas Instruments LM7322MA Datasheet HTML 9Page - Texas Instruments LM7322MA Datasheet HTML 10Page - Texas Instruments LM7322MA Datasheet HTML 11Page - Texas Instruments LM7322MA Datasheet HTML 12Page - Texas Instruments LM7322MA Datasheet HTML 13Page - Texas Instruments LM7322MA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
10
20
30
40
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
VS (V)
-40°C
25°C
85°C
125°C
VCM = V
-
+0.5V
0
5
10
15
20
25
30
35
40
VS (V)
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
VCM = V
-
+0.5V
85°C
125°C
-40°C
25°C
-20 -15
-10
-5
0
5
10
15
20
-1
0
VCM (V)
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
VS = ±15V
-40°C
25°C
85°C
125°C
-20 -15
-10
-5
0
5
10
15
20
-2.5
-0.5
VCM (V)
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
-0.9
-0.7
VS = ±15V
-40°C
25°C
85°C
125°C
-6
-4
-2
0
2
4
6
VCM (V)
-2.5
-2.25
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-40°C
25°C
85°C
125°C
VS = ±5V
-20
-15
-10
-5
0
5
10
15
20
VCM (V)
-2.25
-2
-1.75
-1.5
-1.25
-1
VS = ±15V
-40°C
25°C
85°C
125°C
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
VOS vs. VCM (Unit 2)
VOS vs. VCM (Unit 1)
Figure 18.
Figure 19.
VOS vs. VCM (Unit 2)
VOS vs. VCM (Unit 3)
Figure 20.
Figure 21.
VOS vs. VS (Unit 1)
VOS vs. VS (Unit 2)
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com