Electronic Components Datasheet Search
  English  ▼

X  

LM7322MA Datasheet(PDF) 1 Page - Texas Instruments

Part # LM7322MA
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MA Datasheet(HTML) 1 Page - Texas Instruments

  LM7322MA Datasheet HTML 1Page - Texas Instruments LM7322MA Datasheet HTML 2Page - Texas Instruments LM7322MA Datasheet HTML 3Page - Texas Instruments LM7322MA Datasheet HTML 4Page - Texas Instruments LM7322MA Datasheet HTML 5Page - Texas Instruments LM7322MA Datasheet HTML 6Page - Texas Instruments LM7322MA Datasheet HTML 7Page - Texas Instruments LM7322MA Datasheet HTML 8Page - Texas Instruments LM7322MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output ±15V, High
Output Current and Unlimited Capacitive Load Operational Amplifier
Check for Samples: LM7321, LM7322
1
FEATURES
DESCRIPTION
The LM7321/LM7321Q/LM7322/LM7322Q are rail-to-
2
•
(VS = ±15, TA = 25°C, Typical Values Unless
rail input and output amplifiers with wide operating
Specified.)
voltages
and
high
output
currents.
The
•
Wide Supply Voltage Range 2.5V to 32V
LM7321/LM7321Q/LM7322/LM7322Q
are
efficient,
•
Output Current +65 mA/
−100 mA
achieving 18 V/µs slew rate and 20 MHz unity gain
bandwidth while requiring only 1 mA of supply current
•
Gain Bandwidth Product 20 MHz
per
op
amp.
The
•
Slew Rate 18 V/µs
LM7321/LM7321Q/LM7322/LM7322Q performance is
•
Capacitive Load Tolerance Unlimited
fully specified for operation at 2.7V, ±5V and ±15V.
•
Input Common Mode Voltage 0.3V Beyond
The
LM7321/LM7321Q/LM7322/LM7322Q
are
Rails
designed to drive unlimited capacitive loads without
oscillations.
All
LM7321/LM7321Q
and
•
Input Voltage Noise 15 nV/
√Hz
LM7322/LM732Q parts are tested at
−40°C, 125°C,
•
Input Current Noise 1.3 pA/
√Hz
and 25°C, with modern automatic test equipment.
•
Supply Current/Channel 1.1 mA
High performance from
−40°C to 125°C, detailed
•
Distortion THD+Noise
−86 dB
specifications, and extensive testing makes them
suitable
for
industrial,
automotive,
and
•
Temperature Range
−40°C to 125°C
communications applications.
•
Tested at
−40°C, 25°C and 125°C at 2.7V, ±5V,
Greater than rail-to-rail input common mode voltage
±15V.
range with 50 dB of common mode rejection across
•
LM7321Q/LM7322Q are Automotive Grade
this wide voltage range, allows both high side and low
Products that are AEC-Q100 Grade 1 Qualified.
side sensing. Most device parameters are insensitive
to power supply voltage, and this makes the parts
APPLICATIONS
easier to use where supply voltage may vary, such as
automotive electrical systems and battery powered
•
Driving MOSFETs and Power Transistors
equipment. These amplifiers have true rail-to-rail
•
Capacitive Proximity Sensors
output and can supply a respectable amount of
•
Driving Analog Optocouplers
current (15 mA) with minimal head- room from either
rail (300 mV) at low distortion (0.05% THD+Noise).
•
High Side Sensing
There are several package options for each part.
•
Below Ground Current Sensing
Standard
SOIC
versions
of
both
parts
make
•
Photodiode Biasing
upgrading existing designs easy. LM7322LM7322Q
are offered in a space saving 8-Pin VSSOP package.
•
Driving Varactor Diodes in PLLs
The LM7321/LM7321Q are offered in small SOT-23
•
Wide Voltage Range Power supplies
package, which makes it easy to place this part close
•
Automotive
to sensors for better circuit performance.
•
International Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM7322MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7322MA NSC-LM7322MA Datasheet
741Kb / 24P
Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322MA TI-LM7322MA Datasheet
1Mb / 35P
Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MA TI-LM7322MA Datasheet
1Mb / 35P
LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MA TI1-LM7322MA Datasheet
1Mb / 39P
Unlimited Capacitive Load Operational Amplifier
LM7322MA/NOPB TI1-LM7322MA/NOPB Datasheet
1Mb / 35P
High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Similar Description - LM7322MA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
logo
Texas Instruments
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com