Electronic Components Datasheet Search
  English  ▼

X  

LM7322MA Datasheet(PDF) 23 Page - Texas Instruments

Part # LM7322MA
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MA Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM7322MA Datasheet HTML 19Page - Texas Instruments LM7322MA Datasheet HTML 20Page - Texas Instruments LM7322MA Datasheet HTML 21Page - Texas Instruments LM7322MA Datasheet HTML 22Page - Texas Instruments LM7322MA Datasheet HTML 23Page - Texas Instruments LM7322MA Datasheet HTML 24Page - Texas Instruments LM7322MA Datasheet HTML 25Page - Texas Instruments LM7322MA Datasheet HTML 26Page - Texas Instruments LM7322MA Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
Figure 73. VCOM Driver Performance Scope Photo
OUTPUT SHORT CIRCUIT CURRENT AND DISSIPATION ISSUES
The LM7321/LM7321Q/LM7322/LM7322Q output stage is designed for maximum output current capability. Even
though momentary output shorts to ground and either supply can be tolerated at all operating voltages, longer
lasting short conditions can cause the junction temperature to rise beyond the absolute maximum rating of the
device, especially at higher supply voltage conditions. Below supply voltage of 6V, the output short circuit
condition can be tolerated indefinitely.
With the op amp tied to a load, the device power dissipation consists of the quiescent power due to the supply
current flow into the device, in addition to power dissipation due to the load current. The load portion of the
power itself could include an average value (due to a DC load current) and an AC component. DC load current
would flow if there is an output voltage offset, or the output AC average current is non-zero, or if the op amp
operates in a single supply application where the output is maintained somewhere in the range of linear
operation.
Therefore:
PTOTAL = PQ + PDC + PAC
PQ = IS · VS
Op Amp Quiescent Power Dissipation
PDC = IO · (Vr - Vo)
DC Load Power
PAC = See Table 1
AC Load Power
where:
IS: Supply Current
VS: Total Supply Voltage (V
+ − V−)
VO: Average Output Voltage
Vr: V
+ for sourcing and V− for sinking current
Table 1 shows the maximum AC component of the load power dissipated by the op amp for standard Sinusoidal,
Triangular, and Square Waveforms:
Table 1. Normalized AC Power Dissipated in the Output Stage for Standard Waveforms
PAC (W.Ω/V
2)
Sinusoidal
Triangular
Square
50.7 x 10−3
46.9 x 10−3
62.5 x 10−3
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com