Electronic Components Datasheet Search
  English  ▼

X  

LM7322MA Datasheet(PDF) 24 Page - Texas Instruments

Part # LM7322MA
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MA Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM7322MA Datasheet HTML 20Page - Texas Instruments LM7322MA Datasheet HTML 21Page - Texas Instruments LM7322MA Datasheet HTML 22Page - Texas Instruments LM7322MA Datasheet HTML 23Page - Texas Instruments LM7322MA Datasheet HTML 24Page - Texas Instruments LM7322MA Datasheet HTML 25Page - Texas Instruments LM7322MA Datasheet HTML 26Page - Texas Instruments LM7322MA Datasheet HTML 27Page - Texas Instruments LM7322MA Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
-40 -20
0
20 40 60 80 100 120 140 160
0
0.2
0.4
0.6
0.8
1
1.2
1.4
TEMPERATURE (°C)
Operating area
Ma
xi
mu
m
the
rma
l ca
pa
bili
ty
lin
e
(SO
IC
)
Ma
ximu
m
the
rma
l ca
pab
ility
line
(MSO
P)
PD(MAX) =
150°C ± 125°C
165°C/W
= 0.15W
PD(MAX) =
150°C ± 125°C
235°C/W
= 0.11W
PD(MAX) =
150°C ± 25°C
165°C/W
= 0.76W
PD(MAX) =
150°C ± 25°C
235°C/W
= 0.53W
PD(MAX) =
TJ(MAX) - TA
TJA
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
The table entries are normalized to VS
2/R
L. To figure out the AC load current component of power dissipation,
simply multiply the table entry corresponding to the output waveform by the factor VS
2/R
L. For example, with
±12V supplies, a 600
Ω load, and triangular waveform power dissipation in the output stage is calculated as:
PAC = (46.9 x 10−
3) · (242/600) = 45.0 mW
(1)
The maximum power dissipation allowed at a certain temperature is a function of maximum die junction
temperature (TJ(MAX)) allowed, ambient temperature TA, and package thermal resistance from junction to ambient,
θJA.
(2)
For the LM7321/LM7321Q/LM7322/LM7322Q, the maximum junction temperature allowed is 150°C at which no
power dissipation is allowed. The power capability at 25°C is given by the following calculations:
For VSSOP package:
(3)
For SOIC package:
(4)
Similarly, the power capability at 125°C is given by:
For VSSOP package:
(5)
For SOIC package:
(6)
Figure 74 shows the power capability vs. temperature for VSSOP and SOIC packages. The area under the
maximum thermal capability line is the operating area for the device. When the device works in the operating
area where PTOTAL is less than PD(MAX), the device junction temperature will remain below 150°C. If the
intersection of ambient temperature and package power is above the maximum thermal capability line, the
junction temperature will exceed 150°C and this should be strictly prohibited.
Figure 74. Power Capability vs. Temperature
When high power is required and ambient temperature can't be reduced, providing air flow is an effective
approach to reduce thermal resistance therefore to improve power capability.
24
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com