Electronic Components Datasheet Search
  English  ▼

X  

RF803E Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RF803E
Description  Encoder // Decoder IIC?쇺?s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF803E Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RF803E Datasheet HTML 5Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 6Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 7Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 8Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 9Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 10Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 11Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 12Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
D
DS
S8
80
03
3--7
7 A
Ap
prriill 0
04
4
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 1
10
0
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
E
En
nc
co
od
de
err // D
De
ec
co
od
de
err IIC
C’’s
s
R
RF
F8
80
03
3
Technical Specifications:
Absolute Maximum Ratings 803E and 803D
Note
: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Item
Rating
Units
Supply voltage
2.0 – 5.5
V
Max output current
80
mA
Storage temperature
-65 to +150
°C (Note)
Lead soldering temp
°C (Note)
ESD rating
V
Max O/P current sunk by any I/O pin
25
mA
Max O/P current sourced by any I/O pin
25
mA
RF803E
Electrical Characteristics
Min
Typical
Max
Unit
Operating current(average)
Vdd = 5V
603
645
689
µA
Standby current
.1
µA
High level Input voltage
2.0
VDD
V
Low level input voltage
VSS
0.8
V
High level output voltage
VDD - .7
V
Low level output voltage
0.6
V
Output Pin Current rating
25
mA
LED sink current
75
mA
RF803D
Electrical Characteristics
Min
Typical
Max
Unit
Operating current(average)
Vdd = 2V
1
mA
Standby current
-
µA
High level Input voltage
2.0
V
Low level input voltage
VSS
0.8
V
High level output voltage
VDD - .7
V
Low level output voltage
0.6
V
Output Pin Current rating
25
mA
LED sink current
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com