Electronic Components Datasheet Search
  English  ▼

X  

RF803E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RF803E
Description  Encoder // Decoder IIC?쇺?s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF803E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RF803E Datasheet HTML 2Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 3Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 4Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 5Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 6Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 7Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 8Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 9Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
D
DS
S8
80
03
3--7
7 A
Ap
prriill 0
04
4
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 6
6
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
E
En
nc
co
od
de
err // D
De
ec
co
od
de
err IIC
C’’s
s
R
RF
F8
80
03
3
System and Functional operation
Pairing a Transmitter to a Receiver
Each transmitter has a unique identity. Each time a switch is pressed, the transmitter emits a highly
secure RF signal. The Receiver can learn this signal and allocate to an output.
Any transmitter switch may be paired to one or many of the receiver’s outputs, or a transmitter
single switch may be paired to any number of receiver’s outputs to enable a powerful and flexible
remote control system.
The only limitation is that each receiver has a maximum capacity of 15 pairings, these can be from
the same or any number of transmitters.
Hint: the same transmitter may be taught to any number of receivers to create ‘master keys’.
Learn Mode
: Learn input activation is achieved by pulling this input to GND briefly
To learn a new transmitter switch follow this procedure (as application circuit)
Any Encoder input can be learnt to one or many of the receiver outputs.
Each input must be learnt to each output individually by following this procedure:
1. Select the receiver output to learn:
a. Briefly operate the receiver Learn switch (SW1) once
b. The Learn LED will flash once to indicate that output 1 is selected
c.
After the LED stops flashing, press the Learn switch again to select the next output
channel
d. Repeat step c until the required output is selected.
2. Operate whichever input on the encoder you want to learn to the selected decoder output.
3. The Learn LED will then illuminate, within 10secs, operate the same encoder input again.
4. The Learn LED will then flash to indicate learning is complete.
Erase Mode (As application circuit)
: is achieved by pulling this input to GND for >8 seconds. This
causes the internal EEPROM to be erased of all pre-learnt RF803E encoders.
During Erase the Learn LED will activate, it will extinguish when erase is complete.
Mom / Latch
This high impedance input is used to set the digital outputs to momentary or latched actions
LKIN Status
Digital Outputs
Function
Open
Latching
Closed
Momentary
Serial Data Output
The RF803D has a serial data output. This outputs the serial number, button and battery status of
the transmitter encoder (RF803E). This data may be fed directly to a microcontroller or RS232 type
driver circuit which may then be fed directly to a PC serial port.
Serial data is output initially and again every ½ second whilst data is being received from the
RF803E transmitter. i.e. this output is valid regardless of whether the RF803E encoder has been
learnt to the RF803D decoder or not. The serial data packet contains a learn bit to show if an
encoder input is learnt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com