Electronic Components Datasheet Search
  English  ▼

X  

RF803E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RF803E
Description  Encoder // Decoder IIC?쇺?s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF803E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RF803E Datasheet HTML 3Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 4Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 5Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 6Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 7Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 8Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 9Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 10Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
D
DS
S8
80
03
3--7
7 A
Ap
prriill 0
04
4
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 7
7
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
E
En
nc
co
od
de
err // D
De
ec
co
od
de
err IIC
C’’s
s
R
RF
F8
80
03
3
Serial Data Format
Serial Data is sent every 1/2 second as a stream of 7 bytes at 9.6K baud. The serial data format is:
8 data bits with 1 stop bit, no parity.
Serial data is output form the Decoder chip whenever a valid data packet from an RF80n or other
compatible RF Solutions transmitter is received regardless of learn
Output from Serial Data pin
N
N
X
X
STAT $0D $0A
LF Line feed (last character)
CR Carriage return
Battery Status / Learn Status
Encoder Input information
Encoder serial number
7 bytes of data transmitted
Encoder Serial Number [NN]
: made up of two 8-bit bytes where the most significant byte is
transmitted first.
This provides a total of 65,536 possible serial numbers.
Example:
12AB (hexadecimal) or 0001 0010 1010 1011 (binary)
Encoder Input Information [XX]:
made up of two 8-bit bytes.
The high order byte is sent first representing inputs 16 down to 9 where the MSb is input 16 and the
LSb is input 9.
The low order byte is sent next representing inputs 8 down to 1 where the MSb is input 8 and the
LSb is input 1.
A bit at state 1 represents an encoder input as active.
Using this method inputs can be multiplexed giving maximum versatility.
Example:
00000000 00001000 - Shows input 4 active.
00000001 00000000 – Shows input 9 active
10000001 00000001 – Shows inputs 16, 9 and 1 active
Status [STAT]:
The status byte is made up of an 8-bit byte as follows:
BIT
Description
Details
Bit-7 down to 2
Reserved
For future usage
Bit 1
Learn status
1 = encoder has been learnt
Bit 0
Battery status
0 = encoder battery is OK
1 = encoder battery is low
Example:
00000010 = encoder battery ok, encoder has been learnt
00000001 = encoder battery low, encoder has not been learnt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com