Electronic Components Datasheet Search
  English  ▼

X  

RF803E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RF803E
Description  Encoder // Decoder IIC?쇺?s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF803E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RF803E Datasheet HTML 1Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 2Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 3Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 4Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 5Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 6Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 7Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 8Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
D
DS
S8
80
03
3--7
7 A
Ap
prriill 0
04
4
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 3
3
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
E
En
nc
co
od
de
err // D
De
ec
co
od
de
err IIC
C’’s
s
R
RF
F8
80
03
3
Pin Descriptions RF803E
See Page 8 for typical application circuit
RF803E
PDIP
DFN
1
8
7
6
3
2
VCC
IP 2
TX
GND
N/C
4
5
IP1
IP 3
N/C
SOT23
Pin
Number
Name
Input /
Output
Description
1
IP 1
IP
Switch input 1 (active low)
3
IP 2
IP
Switch input 2 (active low)
6
IP 3
IP
Switch input 3 (active low)
2
GND
IP
Supply GND
4
TX
OP
Data output
5
Vcc
IP
Supply Voltage
PDIP
Pin
Number
Name
Input /
Output
Description
1
-
-
Not Connected
2
Vcc
IP
Supply Voltage
3
TX
OP
Data output
4
IP 2
IP
Switch input 2 (active low)
5
IP1
IP
Switch Input 1 (active low)
6
-
-
Not Connected
7
GDN
OP
Ground Connection
8
IP3
IP
Switch Input 3 (active low)
IP 1-3
These are the switch inputs which when operated wake up the RF803E and cause transmission.
They may be switched directly to Ground. Transmission occurs for the duration of the switch
operation.
Vcc
The power supply needs to be a stable regulated voltage between 2.5 and 5.5V with <10mV ripple.
Note that in idle mode the transmitter current drain is typically only 100nA.
GND
Ground connection
TX
Data Output, this is a standard CMOS / TTL output that may be connected directly to the data input
pin of the RF Module. In the event that this represents a load to Vcc then a buffer stage between
the data output and the RF module will be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com