Electronic Components Datasheet Search
  English  ▼

X  

RF803E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RF803E
Description  Encoder // Decoder IIC?쇺?s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF803E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RF803E Datasheet HTML 1Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 2Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 3Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 4Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 5Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 6Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 7Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 8Page - List of Unclassifed Manufacturers RF803E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
D
DS
S8
80
03
3--7
7 A
Ap
prriill 0
04
4
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 5
5
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
E
En
nc
co
od
de
err // D
De
ec
co
od
de
err IIC
C’’s
s
R
RF
F8
80
03
3
Pin Descriptions RF803D
See Page 8 for application circuit example
SOIC / PDIP
Pin
Number
Name
Input /
Output
Description
7
OP1
Out
Digital Output 1
6
OP2
Out
Digital Output 2
5
OP3
Out
Digital Output 3
1
Vcc
In
Supply Voltage
8
Vss
In
Supply GND
2
SD/ML
In/Out
Serial Data Output / Momentary / Latching setting
3
LRN
In/Out
Learn / Erase Function
4
Rx
In
Rx Data input
Vcc
2.5-5.5V DC input. The power supply needs to be a stable regulated voltage with <10mV ripple
GND
Ground connection.
OP1-3
These outputs are asserted LOW when the relevant inputs (S1 – S3) on the RF803E are asserted.
(see latch/unlatch information under ‘LKIN’).
RX DATA
This is the data input to the decoder it may be connected directly to the RF receiver module.
LRN
This input is used to set the decoder module to ‘Learn Mode’ and for the ‘Erase Function’ and is
also used to drive the Status LED.
SERIAL / OP TIMING
Multi-functional pin
This pin is read on power up to sets the action of outputs 1-3, Momentary action is set by a
connection to ground through a 2K2 ohm resistor, latching is set using open circuit.
In normal run mode this pin outputs serial data on reception of a valid data string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com