Electronic Components Datasheet Search
  English  ▼

X  

AS1130 Datasheet(PDF) 9 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 9 Page - ams AG

Back Button AS1130 Datasheet HTML 5Page - ams AG AS1130 Datasheet HTML 6Page - ams AG AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG AS1130 Datasheet HTML 10Page - ams AG AS1130 Datasheet HTML 11Page - ams AG AS1130 Datasheet HTML 12Page - ams AG AS1130 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
8 - 38
AS1130
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. CMOS Logic Input Levels vs. Supply Voltage
Figure 11. CMOS Logic Input Levels vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
Logic High
Logic Low
0
0.5
1
1.5
2
2.5
3
3.5
4
-45
-25
-5
15
35
55
75
Temperature ( C)
Logic High
Logic Low
Figure 12. MOBILE Logic Input Levels vs. Supply Voltage
Figure 13. MOBILE Logic Input Levels vs. Temperature
0
0.5
1
1.5
2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
Logic High
Logic Low
0
0.5
1
1.5
2
-45
-25
-5
15
35
55
75
Temperature ( C)
Logic High
Logic Low
Figure 14. Oscillator Frequency vs. Supply Voltage
Figure 15. Oscillator Frequency vs. Temperature
0.9
0.95
1
1.05
1.1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
- 45°C
+ 25°C
+ 85°C
0.9
0.95
1
1.05
1.1
-45
-25
-5
15
35
55
75
Temperature ( C)
Vdd = 2.7V
Vdd = 3.3V
Vdd = 4.5V
Vdd = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com