Electronic Components Datasheet Search
  English  ▼

X  

AS1130 Datasheet(PDF) 34 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 34 Page - ams AG

Back Button AS1130 Datasheet HTML 30Page - ams AG AS1130 Datasheet HTML 31Page - ams AG AS1130 Datasheet HTML 32Page - ams AG AS1130 Datasheet HTML 33Page - ams AG AS1130 Datasheet HTML 34Page - ams AG AS1130 Datasheet HTML 35Page - ams AG AS1130 Datasheet HTML 36Page - ams AG AS1130 Datasheet HTML 37Page - ams AG AS1130 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
33 - 38
AS1130
Datasheet - Ty p i c a l A p p l i c a t i o n
LED Current Calculation
The current through a LED in the matrix is set via three registers (Current Source Register, Dot Correction and PWM). The resulting current
through the single LED can be calculated as shown in the following.
First it’s necessary to calculate the time how long one LED will be ON.
Where:
tLEDon . . . . time where the LED is ON
PWM . . . value set in the register (0 - 256), (see Table 11 on page 18)
fOSC . . . frequency set in the CLK Synchronization Register, (see Table 25 on page 27)
The refresh rate is defined by the scan-limit and fOSC.
Where:
tREFRESH . . . time needed to refresh the matrix
scan-limit . . . is set via the Display Option Register (0 - 11), (see Table 18 on page 24)
fOSC . . . frequency set in the CLK Synchronization Register, (see Table 25 on page 27)
With the LED on-time and the refresh rate an average LED ON factor can be calculated.
The resulting current is then the Segment Current (set in the Current Source Register) times the average LED ON factor.
Where:
ISEG . . . Segment Current set via register (see Table 19 on page 24)
Example:
Assume that following conditions are set in the registers: PWM = 256, scan-limit = 5 (half filled matrix, 66 LEDs), ISEG = 30mA
(EQ 1)
t
LEDon
PWM
f
OSC
--------------
=
(EQ 2)
t
REFRESH
scanlimit
1
+
(
) 256
×
f
OSC
------------------------------------------------------
=
(EQ 3)
LEDon
av g
t
LEDon
t
REFRE SH
------------------------
PWM
scanlimit
1
+
(
) 256
×
------------------------------------------------------
=
=
(EQ 4)
I
LEDavg
I
SEG
LEDon
avg
×
I
SEG
PWM
scanlimit
1
+
(
) 256
×
------------------------------------------------------
×
=
=
(EQ 5)
I
LEDavg
30mA
256
5
1
+
(
) 256
×
--------------------------------
×
5mA
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com