Electronic Components Datasheet Search
  English  ▼

X  

AS1130 Datasheet(PDF) 31 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 31 Page - ams AG

Back Button AS1130 Datasheet HTML 27Page - ams AG AS1130 Datasheet HTML 28Page - ams AG AS1130 Datasheet HTML 29Page - ams AG AS1130 Datasheet HTML 30Page - ams AG AS1130 Datasheet HTML 31Page - ams AG AS1130 Datasheet HTML 32Page - ams AG AS1130 Datasheet HTML 33Page - ams AG AS1130 Datasheet HTML 34Page - ams AG AS1130 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
30 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
5
0x2A
0
0
1
0
1
0
1
0
LED
57
LED
56
LED
55
LED
54
LED
53
LED
52
LED
51
LED
50
0x2B
0
0
1
0
1
0
1
1
0
0
0
0
0
LED
5A
LED
59
LED
58
6
0x2C
0
0
1
0
1
1
0
0
LED
67
LED
66
LED
65
LED
64
LED
63
LED
62
LED
61
LED
60
0x2D
0
0
1
0
1
1
0
1
0
0
0
0
0
LED
6A
LED
69
LED
68
7
0x2E
0
0
1
0
1
1
1
0
LED
77
LED
76
LED
75
LED
74
LED
73
LED
72
LED
71
LED
70
0x2F
0
0
1
0
1
1
1
1
0
0
0
0
0
LED
7A
LED
79
LED
78
8
0x30
0
0
1
1
0
0
0
0
LED
87
LED
86
LED
85
LED
84
LED
83
LED
82
LED
81
LED
80
0x31
0
0
1
1
0
0
0
1
0
0
0
0
0
LED
8A
LED
89
LED
88
9
0x32
0
0
1
1
0
0
1
0
LED
97
LED
96
LED
95
LED
94
LED
93
LED
92
LED
91
LED
90
0x33
0
0
1
1
0
0
1
1
0
0
0
0
0
LED
9A
LED
99
LED
98
A
0x34
0
0
1
1
0
1
0
0
LED
A7
LED
A6
LED
A5
LED
A4
LED
A3
LED
A2
LED
A1
LED
A0
0x35
0
0
1
1
0
1
0
1
0
0
0
0
0
LED
AA
LED
A9
LED
A8
B
0x36
0
0
1
1
0
1
1
0
LED
B7
LED
B6
LED
B5
LED
B4
LED
B3
LED
B2
LED
B1
LED
B0
0x37
0
0
1
1
0
1
1
1
0
0
0
0
0
LED
BA
LED
B9
LED
B8
Table 28. Open LED Register Format
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com