Electronic Components Datasheet Search
  English  ▼

X  

AS1130-BSST Datasheet(PDF) 2 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 2 Page - ams AG

  AS1130-BSST Datasheet HTML 1Page - ams AG AS1130-BSST Datasheet HTML 2Page - ams AG AS1130-BSST Datasheet HTML 3Page - ams AG AS1130-BSST Datasheet HTML 4Page - ams AG AS1130-BSST Datasheet HTML 5Page - ams AG AS1130-BSST Datasheet HTML 6Page - ams AG AS1130-BSST Datasheet HTML 7Page - ams AG AS1130-BSST Datasheet HTML 8Page - ams AG AS1130-BSST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
1 - 38
D a ta s h e e t
A S 11 3 0
1 3 2 - L E D C r o s s - P l e x i n g D r i v e r w i t h s c r o l l i n g F u n c t i o n
1 General Description
The AS1130 is a compact LED driver for 132 single LEDs. The
devices can be programmed via an I²C compatible interface.
The AS1130 offers a 12x11 LED-Matrix with 1/12 cycle rate. The
required lines to drive all 132 LEDs are reduced to 12 by using the
cross-plexing feature optimizing space on the PCB. The whole LED-
Matrix driving 132 LEDs can be analog dimmed from 0 to 30mA in
256 steps (8 bit).
Additionally each of the 132 LEDs can be dimmed individually with 8-
bit allowing 256 steps of linear dimming. To reduce CPU usage up to
6 frames can be stored with individual time delays between frames to
play small animations automatically.
The AS1130 operates from 2.7V to 5.5V and features a very low
shutdown and operational current.
The device offers a programmable IRQ pin. Via a register it can be
set on what event (CP request, Interface time out, Error-detection,
POR, End of Frame or End of Movie) the IRO is triggered.
Also hardware scroll Function is implemented in the AS1130.
The device is available in a ultrasmall 20-pin WL-CSP and an easy
to solder 28-pin SSOP package.
Figure 1. AS1130 - Typical Application
2 Key Features
1MHz I²C-Compatible Interface
Open and Shorted LED Error Detection
132 LEDs in Dot Matrix
Low-Power Shutdown Current
Individual 8-bit LED PWM Control
8-bit Analog Brightness Control
8-bit Dot Correction for optimize RGB LED Operation
Programmable IRQ pin
Scroll Function
up to 36 Frames Memory for Animations
up to 6 Frames Memory for PWM sets
Supply Voltage Range: 2.7V to 5.5V
Minimum PCB space required
Available packages:
- 20-pin WL-CSP
- 28-pin SSOP (planned)
3 Applications
The AS1130 is ideal for dot matrix displays in mobile phones, per-
sonal electronic and toys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com