Electronic Components Datasheet Search
  English  ▼

X  

AS1130-BSST Datasheet(PDF) 28 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 28 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 24Page - ams AG AS1130-BSST Datasheet HTML 25Page - ams AG AS1130-BSST Datasheet HTML 26Page - ams AG AS1130-BSST Datasheet HTML 27Page - ams AG AS1130-BSST Datasheet HTML 28Page - ams AG AS1130-BSST Datasheet HTML 29Page - ams AG AS1130-BSST Datasheet HTML 30Page - ams AG AS1130-BSST Datasheet HTML 31Page - ams AG AS1130-BSST Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
27 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
I²C Interface Monitoring Register (0x0A)
This register is used to monitor the activity on the I²C bus. If a deadlock situation occurs (e.g. the bus SDA pin is pulled to low and no communi-
cation is possible) the chip will reset the I²C interface and the master is able to start the communication again.
The time window for the reset of the interface of the AS1130 can bes set via 7 bits from 256 s to 33ms. The default setting of this register is
0xFF.
CLK Synchronization Register (0x0B)
The default setting of this register is 0x00.
3
auto_test
0
R/W
The LED open/short test is automatically started at display picture/frame
0: disabled
1: enabled
2
manual_test
0
R/W
The LED open/short test is started manually
0: disabled
1: enabled
1
init
1
R/W
0: initialise control logic (internal State machine is reset again)
1: normal operation
0
shdn
0
R/W
0: device is in shutdown mode (Outputs are turned off, internal State
machine stops)
1: normal operation
Table 24. I²C Interface Monitoring Register Format
0x0A I²C Interface Monitoring Register
Bit
Bit Name
Default
Access
Bit Description
7
-
1
n/a
6:1
Time out window
11111
R/W
Definition of the Time out window (0 to 127 => 1 to 128x256 s)
0000000: 256 s
........
1111111: 32.7ms
0
i2c_monitor
1
R/W
0: I²C monitoring off
1: I²C monitoring on
Table 25. CLK Synchronization Register Format
0x0B CLK Synchronization Register
Bit
Bit Name
Default
Access
Bit Description
7:4
-
0000
n/a
3:2
clk_out
00
R/W
Adjustable clock out frequency
00: 1MHz
01: 500kHz
10: 125kHz
11: 32kHz
Table 23. Shutdown & Open/Short Register Format
0x09 Shutdown & Open/Short Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com