Electronic Components Datasheet Search
  English  ▼

X  

AS1130-BSST Datasheet(PDF) 22 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 22 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 18Page - ams AG AS1130-BSST Datasheet HTML 19Page - ams AG AS1130-BSST Datasheet HTML 20Page - ams AG AS1130-BSST Datasheet HTML 21Page - ams AG AS1130-BSST Datasheet HTML 22Page - ams AG AS1130-BSST Datasheet HTML 23Page - ams AG AS1130-BSST Datasheet HTML 24Page - ams AG AS1130-BSST Datasheet HTML 25Page - ams AG AS1130-BSST Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
21 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Picture Register (0x00)
In this register it must be set if a picture is to display on the LED matrix or not. Also the address of the picture which should be displayed must be
set withi n this register. The default setting of this register is 0x00.
Note:
The display_pic bit (bit 6 in Picture Register) has lower priority than the display_movie bit (bit 6 in Movie Register).
Movie Register (0x01)
In this register it must be set if a movie is to display on the LED matrix or not. Also the address of the first frame in the movie needs be set within
this register. The default setting of this register is 0x00.
Note:
The display_movie bit (bit 6 in Movie Register) has higher priority than the display_pic bit (bit 6 in Picture Register).
Table 14. Picture Register Format
0x00 Picture Register
Bit
Bit Name
Default
Access
Bit Description
7
blink_pic
0
R/W
All LEDs in blink mode during display picture
0: no blink
1: all LEDs blink
6
display_pic
0
R/W
Display Picture
0: no picture
1: display picture
5:0
pic_addr
000000
R/W
Address of Picture
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
...............
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35
Table 15. Movie Register Format
0x01 Movie Register
Bit
Bit Name
Default
Access
Bit Description
7
blink_movie
0
R/W
All LEDs in blink mode during play movie
0: no blink
1: all LEDs blink
6
display_movie
0
R/W
0: no movie
1: start movie
5:0
movie_addr
000000
R/W
Address of first Frame in Movie
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
...............
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com