Electronic Components Datasheet Search
  English  ▼

X  

AS1130-BSST Datasheet(PDF) 29 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 29 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 25Page - ams AG AS1130-BSST Datasheet HTML 26Page - ams AG AS1130-BSST Datasheet HTML 27Page - ams AG AS1130-BSST Datasheet HTML 28Page - ams AG AS1130-BSST Datasheet HTML 29Page - ams AG AS1130-BSST Datasheet HTML 30Page - ams AG AS1130-BSST Datasheet HTML 31Page - ams AG AS1130-BSST Datasheet HTML 32Page - ams AG AS1130-BSST Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
28 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Interrupt Status Register (0x0E)
This is a read only register. Within this register the cause of an interrupt can be read out. After power up or a reset the default setting of this reg-
ister is 0x20. A read out command will set this register to default and the IRQ pin will be released again.
1
sync_out
0
R/W
The internal oscillator is used as system-clk. The selected clk frequency is
available on pin D4 for synchronization. (Output)
1
0: disabled
1: enabled
0
sync_in
0
R/W
The internal oscillator is disabled. Pin D4 is used as clk input for system-clk.
1
0: disabled
1: enabled
1. CLK synchronization is done via the SYNC pin. Only one option can be activated (Input or Output).
Table 26. Interrupt Status Register Format
0x0E Interrupt Status Register
Bit
Bit Name
Default
Access
Bit Description
7
frame_int
0
R
0: no interrupt
1: defined Frame is displayed (see Interrupt Frame Definition
Register (0x08) on page 26)
6
i2c_int
0
R
0: no interrupt
1: I²C watchdog reports a deadlock on the interface
5
por_int
1
R
0: no interrupt
1: POR was triggered
4
overtemp_int
0
R
0: no interrupt
1: over temperature limit is reached
3
low_vdd_int
0
R
0: no interrupt
1: VDD is too low to drive requested current through the LEDs
2
open_int
0
R
0: no interrupt
1: error on open test
1
short_int
0
R
0: no interrupt
1: error on short test
0
movie_int
0
R
0: no interrupt
1: play movie is finished
Table 25. CLK Synchronization Register Format
0x0B CLK Synchronization Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com