Electronic Components Datasheet Search
  English  ▼

X  

AS1130-BSST Datasheet(PDF) 23 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 23 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 19Page - ams AG AS1130-BSST Datasheet HTML 20Page - ams AG AS1130-BSST Datasheet HTML 21Page - ams AG AS1130-BSST Datasheet HTML 22Page - ams AG AS1130-BSST Datasheet HTML 23Page - ams AG AS1130-BSST Datasheet HTML 24Page - ams AG AS1130-BSST Datasheet HTML 25Page - ams AG AS1130-BSST Datasheet HTML 26Page - ams AG AS1130-BSST Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
22 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Movie Mode Register (0x02)
Within this register two movie play options can be set. Per default this register is set to 0x00.
- In scroll mode a movie can stop with the last frame of the movie or scroll endless
- The number of frames to play in a movie
Table 16. Movie Mode Register Format
0x02 Movie Mode Register
Bit
Bit Name
Default
Access
Bit Description
7
blink_en
0
R/W
LED blink option
1
0: enabled
1: disabled
1. Disable blink option overrides any blink definition in PWM data definition or global blink definition in picture register & movie register bit 7.
6
end_last
0
R/W
defines at which frame a movie stops in scroll mode
0: movie ends with 1st frame
1: movie ends with last frame
5:0
movie_frames
000000
R/W
Number of frames played in a movie, starting at movie_addr defined in
Movie Register
000000: Play 1 Frame
000001: Play 2 Frames
000010: Play 3 Frames
000011: Play 4 Frames
000100: Play 5 Frames
000101: Play 6 Frames
...............
100000: Play 33 Frames
100001: Play 34 Frames
100010: Play 35 Frames
100011: Play 36 Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com