Electronic Components Datasheet Search
  English  ▼

X  

AS3517 Datasheet(PDF) 82 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 82 Page - ams AG

Back Button AS3517 Datasheet HTML 78Page - ams AG AS3517 Datasheet HTML 79Page - ams AG AS3517 Datasheet HTML 80Page - ams AG AS3517 Datasheet HTML 81Page - ams AG AS3517 Datasheet HTML 82Page - ams AG AS3517 Datasheet HTML 83Page - ams AG AS3517 Datasheet HTML 84Page - ams AG AS3517 Datasheet HTML 85Page - ams AG AS3517 Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Table 84 Supervisor Register
Name
Base
Default
SUPERVISOR
2-wire serial
00h
Supervisor Register
Offset: 21h
Sets the threshold levels of battery supply and junction temperature supervision.
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:5
BVDD_SUP
000
R/W
Sets the threshold (brown-out voltage) at the BVDD input pin
for an interrupt at low battery condition
V_BrownOut=2.74+BVDD_Sup*60mV
000: 2.74V
001: 2.80V
…
110: 3.10V
111: 3.16V
4:0
JTEMP_SUP
00000
R/W
Sets the threshold for junction temperature emergency
shutdown and junction temperature interrupt
Invoke shutdown at: JTemp_SD=140-JTEMP_Sup*5
°C
Invoke interrupt at: JTemp_IRQ=120-JTEMP_Sup*5
°C
Table 85 Charger Register
Name
Base
Default
CHARGER
2-wire serial
00h
Charger Control Register
Offset: 22h
Sets the charging current, end of charge voltage and battery temp. supervision.
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
BAT_TEMP_OFF
0
R/W
0: enables 15uA supply for external 100k NTC resistor
1: disables supply
6:4
CHG_I
000
R/W
set maximum charging current
111: 400 mA
110: 350 mA
101: 300 mA
100: 250 mA
011: 200 mA
010: 150 mA
001: 100 mA
000: 50 mA
3:1
CHG_V
000
R/W
set maximum charger voltage in 50mV steps
111: 4.25 V
110: 4.2 V
..
001: 3.95 V
000: 3.9 V
0
CHG_OFF
0
R/W
0: enables Charger
1: disables Charger
Revision 1v3
81
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com