Electronic Components Datasheet Search
  English  ▼

X  

AS3517 Datasheet(PDF) 84 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 84 Page - ams AG

Back Button AS3517 Datasheet HTML 80Page - ams AG AS3517 Datasheet HTML 81Page - ams AG AS3517 Datasheet HTML 82Page - ams AG AS3517 Datasheet HTML 83Page - ams AG AS3517 Datasheet HTML 84Page - ams AG AS3517 Datasheet HTML 85Page - ams AG AS3517 Datasheet HTML 86Page - ams AG AS3517 Datasheet HTML 87Page - ams AG AS3517 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Table 87 Second Interrupt Register
Name
Base
Default
IRQ_ENRD_1
2-wire serial
00h
Second Interrupt Register
Offset: 24h
Please be aware that writing to this register will enable/disable the corresponding
interrupts, while with reading you get the actual interrupt status and will clear the
register at the same time. It is not possible to read back the interrupt enable/disable
settings. This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
SD_TIME
0
R/W
Control bit which sets the emergency shut-down time from
5.4sec to 10.9sec. The shut-down of AS3517 is invoked by a
high signal at the PWRUP input pin.
0: 5.4sec
1: 10.9sec
6
0
n/a
0
W
Enables interrupt which is invoked whenever a high signal at
the PWRUP input pin occurs
0: disable
1: enable
5
PWRUP_IRQ
x
R
This bit is set whenever a high level of min. BVDD/3 at the
PWRUP input pin occurs (PWRUP pin is commonly connected
to the power-up button)
0
W
Enables interrupt which is invoked whenever a wake-up from
RTC wake-up counter occurs
0: disable
1: enable
4
WAKEUP_IRQ
X
R
This bit is set when a wake-up has been invoked by the RTC
wake-up counter.
0
W
Enables interrupt which is invoked by reaching a voltage
threshold at MIC2 input (voice activation)
0: disable
1: enable
3
VOXM2_IRQ
x
R
This bit is set when a voltage threshold of 5mVRMS (unfiltered)
at MIC2 has been reached (voice activation)
0
W
Enables interrupt which is invoked by reaching a voltage
threshold at MIC1 input (voice activation)
0: disable
1: enable
2
VOXM1_IRQ
x
R
This bit is set when a voltage threshold of 5mVRMS (unfiltered)
at MIC1 has been reached (voice activation)
CVDD3_EN_SD
0
W
Invokes shut-down of AFE when a –10% under-voltage spike at
CVDD2 occurs
0: disable
1: enable
1
CVDD3_UNDER
x
R
This bit is set when a –5% under-voltage at CVDD1 occurs
CVDD3_EN_IRQ
0
W
Enables interrupt for over-voltage/under-voltage supervision of
CVDD2
0: disable
1: enable
0
CVDD3_OVER
x
R
This bit is set when a +8% over-voltage at CVDD1 occurs
Revision 1v3
83
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com