Electronic Components Datasheet Search
  English  ▼

X  

AS3517 Datasheet(PDF) 22 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 22 Page - ams AG

Back Button AS3517 Datasheet HTML 18Page - ams AG AS3517 Datasheet HTML 19Page - ams AG AS3517 Datasheet HTML 20Page - ams AG AS3517 Datasheet HTML 21Page - ams AG AS3517 Datasheet HTML 22Page - ams AG AS3517 Datasheet HTML 23Page - ams AG AS3517 Datasheet HTML 24Page - ams AG AS3517 Datasheet HTML 25Page - ams AG AS3517 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
9.1.4
Headphone Output
General
The headphone output is designed to provide the audio signal with 2x40mW @ 16
Ω or 2x20mW @32Ω, which are typical values for
headphones. If the limiters (N20/N21) are disabled a maximum output of 2x60mW@16Ω or 2x30mW@32Ω can be achieved.
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from –
43.43dB to +1.07dB. A zero cross detection allows to control the actual execution of new gain settings.
Figure 8 Headphone Output
Headphones connected via decoupling capacitors
Headphones connected to Phantom Ground
(Common Mode)
Phantom Ground
There are 2 ways to connect a headphone to the AFE. In order to spare the bulky ac/dc decoupling capacitors at pins HPR/HPL a
buffered ground (Phantom Ground) is provided. This Common Mode Buffer needs to be switched on if utilized. If form factor
considerations are less stringent, the headphones can be conventionally connected via 2x100µF capacitors.
No-Pop Function
The output is automatically set to mute when the output stage is disabled.
To avoid Pop-Click noise during power-up and shut-down of the headphone amplifier, a charge/discharge control of HPGND (0V-1.45V-
0V) at pins HPR/HPL is incorporated into the AFE. The 100nF capacitor at pin HPGND is used to form the charge/discharge slope. Pls
observe that pin HPGND is a high impedance node which must not be connected to any other external device than the 100nF buffer
capacitor. To avoid Pop-Click noise one has to wait for 150ms in between a power-down (switch-off) and a power-up (switch-on) of the
headphone amplifier.
The output is automatically set to mute when the output stage is disabled.
Figure 9 HP POP-Click Suppression
t
HPGND [V]
70ms
70ms
AGND
MUTE OFF
HP Amps
powered down
Operation
Revision 1v3
21
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com