Electronic Components Datasheet Search
  English  ▼

X  

AS3517 Datasheet(PDF) 30 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 30 Page - ams AG

Back Button AS3517 Datasheet HTML 26Page - ams AG AS3517 Datasheet HTML 27Page - ams AG AS3517 Datasheet HTML 28Page - ams AG AS3517 Datasheet HTML 29Page - ams AG AS3517 Datasheet HTML 30Page - ams AG AS3517 Datasheet HTML 31Page - ams AG AS3517 Datasheet HTML 32Page - ams AG AS3517 Datasheet HTML 33Page - ams AG AS3517 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
9.1.7
2-Wire-Serial Control Interface
General
There is an I2C slave block implemented to have access to 64 byte of setting information.
The I2C address is: Adr_Group8 - audio processors
•
8Ch_write
•
8Dh_read
Protocol
Table 24 I2C Symbol Definitions
Symbol
Definition
R/W (AS3517 Slave)
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
DW
Device address for write
R
1000 1100b (8Ch)
DR
Device address for read
R
1000 1101b 8Dh)
WA
Word address
R
8 bit
A
Acknowledge
W
1 bit
N
No Acknowledge
R
1 bit
reg_data
Register data/write
R
8 bit
data (n)
Register data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Increment word address internally
R
During acknowledge
AS3517 (=slave) receives data
AS3517 (=slave) transmits data
Figure 12 Byte Write
Figure 13 Page Write
Byte Write and Page Write formats are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state (the bus is free). The
device-write address is followed by the word address. After the word address any number of data bytes can be sent to the slave. The
word address is incremented internally, in order to write subsequent data bytes on subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either with a repeated START
condition followed by the device-read address, or simply with a new transmission START followed by the device-read address, when the
bus is in IDLE state. The device-read address is always followed by the 1st register byte transmitted from the slave. In Read Mode any
number of subsequent register bytes can be read from the slave. The word address is incremented internally.
Revision 1v3
29
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com