Electronic Components Datasheet Search
  English  ▼

X  

AS3517 Datasheet(PDF) 48 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 48 Page - ams AG

Back Button AS3517 Datasheet HTML 44Page - ams AG AS3517 Datasheet HTML 45Page - ams AG AS3517 Datasheet HTML 46Page - ams AG AS3517 Datasheet HTML 47Page - ams AG AS3517 Datasheet HTML 48Page - ams AG AS3517 Datasheet HTML 49Page - ams AG AS3517 Datasheet HTML 50Page - ams AG AS3517 Datasheet HTML 51Page - ams AG AS3517 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Start-up Sequence
The AFE offers 25 different power-up sequences. The specific start-up sequence can be selected via VPRG1 and VPROG2 pin. Each pin
detects 5 logical input states which shall come from an external resistor divider network.
At first, LDO1 (AVDD) and LDO2 (DVDD) is powering up. This cannot be influenced with the selection of specific sequences below. LDO1
and LDO2 are necessary for the internal supply of the AFE.
After power-up sequence selected by pin VPRG1, all voltage settings and power on/off conditions of the described regulators can be
programmed via the serial interface.
Table 36 Start-up Modes
DCDC1
DCDC2
DCDC3
DCDC4
DCDC15
LDO3
LDO4
#
VPRG2
VPRG1
CVDD1
CVDD2
CVDD3
VBUS
VLED
PVDD1
PVDD2
XRES/
PWGD
1
open
open
1,2V
3rd
3,3V
2nd
3,3V
1st
x
x
x
x
4th 8th
2
open
vdd
1,2V
3rd
2,5V
2nd
3,3V
1st
x
x
x
x
4th 8th
3
open
150k-vdd 1,2V
3rd
2,5V
2nd
x
x
x
3,3V 1st
x
4th 8th
4
open
150k-vss 1,2V
3rd
1,8V
2nd
x
x
x
3,3V 1st
x
4th 8th
5
open
vss
1,2V
3rd
x
x
x
x
3,3V 1st 2,5V 2nd 4th 8th
6 150k-vdd
open
1,5V
3rd
3,3V
2nd
3,3V
1st
x
x
x
x
4th 8th
7 150k-vdd
vdd
1,5V
3rd
2,5V
2nd
3,3V
1st
x
x
x
x
4th 8th
8 150k-vdd 150k-vdd 1,5V
3nd
2,5V
2nd
x
x
x
3,3V 1st
x
4th 8th
9 150k-vdd 150k-vss 1,5V
3rd
1,8V
2nd
x
x
x
3,3V 1st
x
4th 8th
10 150k-vdd
vss
1,5V
3rd
x
x
x
x
3,3V 1st 2,5V 2nd 4th 8th
11
vdd
open
1,8V
3rd
3,3V
2nd
3,3V
1st
x
x
x
x
4th 8th
12
vdd
vdd
1,8V
3rd
2,5V
2nd
3,3V
1st
x
x
x
x
4th 8th
13
vdd
150k-vdd 1,8V
3nd
2,5V
2nd
x
x
x
3,3V 1st
x
4th 8th
14
vdd
150k-vss 1,8V
3rd
1,8V
2nd
x
x
x
3,3V 1st
x
4th 8th
15
vdd
vss
1,8V
3rd
x
x
x
x
3,3V 1st 2,5V 2nd 4th 8th
16
vss
open
1,2V
1st
1,8V
2nd
3,3V
3rd
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
17
vss
vdd
1,2V
1st
1,8V
2nd
3,0V
3rd
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
18
vss
150k-vdd 1,2V
1st
2,5V
2nd
3,3V
3rd
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
19
vss
150k-vss 1,8V
1st
2,5V
2nd
3,3V
3rd
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
20
vss
vss
1,8V
1st
3,3
2nd
3,3V
3rd
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
21 150k-vss
open
1,2V
3rd
1,8V
2nd
3,3V
1st
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
22 150k-vss
vdd
1,2V
3rd
1,8V
2nd
3,0V
1st
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
23 150k-vss 150k-vdd 1,2V
3rd
2,5V
2nd
3,3V
1st
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
24 150k-vss 150k-vss 1,8V
3rd
2,5V
2nd
3,3V
1st
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
25 150k-vss
vss
1,8V
3rd
3,3
2nd
3,3V
1st
5,0V
5th 5mA 5th 3,0V 6th 3,0V 7th
*
8th
*… in Special Mode the XRES is going High 85us (min 60us) after PwrUp key is released
x … means that this regulator is not started with the start-up sequencer but has to be turned on by the 2-wire serial interface when
needed.
Revision 1v3
47
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com