Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 28 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 28 Page - ams AG

Back Button AS3677 Datasheet HTML 24Page - ams AG AS3677 Datasheet HTML 25Page - ams AG AS3677 Datasheet HTML 26Page - ams AG AS3677 Datasheet HTML 27Page - ams AG AS3677 Datasheet HTML 28Page - ams AG AS3677 Datasheet HTML 29Page - ams AG AS3677 Datasheet HTML 30Page - ams AG AS3677 Datasheet HTML 31Page - ams AG AS3677 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
27 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.5 PWM Generator
The PWM generator can be used for any current sink. The setting applies for all current sinks, which are controlled by
the pwm generator (e.g. CURR1 is pwm controlled if curr1_mode = 10). The pwm modulated signal can switch on/off
the current sinks and therefore depending on its duty cycle change the brightness of an attached LED.
Internal PWM Generator
The internal PWM generator uses the 2MHz internal clock as input frequency and its dimming range is 6 bits digital
(2MHz / 2^6 = 31.3kHz pwm frequency) and 2 bits analog. Depending on the actual code in the register pwm_code the
following algorithm is used:
If pwm_code bit 7 = 1
Then the upper 6 bits (Bits 7:2) of pwm_code are used for the 6 bits PWM generation, which controls the selected cur-
rents sinks directly
If pwm_code bit 7 =0 and bit 6 = 1
Then bits 6:1 of pwm_code are used for the 6 bits PWM generation. This signal controls the selected current sinks, but
the analog current of these sinks is divided by 2
If pwm_code bit 7 and bit 6 = 0
Then bits 5:0 of pwm_code are used for the 6 bits PWM generation. This signal controls the selected current sinks, but
the analog current of these sinks is divided by 4
0
1
00
31
100
4
5
0
1
01
31
100
5
6
0
1
10
31
100
6
7
01
11
31100
7
8
1
0
00
250
800
0
8
1
0
01
250
800
8
16
1
0
10
250
800
16
24
1
0
11
250
800
24
32
1
1
00
250
800
32
40
1
1
01
250
800
40
48
1
1
10
250
800
48
56
1
1
11
250
800
56
64
1. Even by setting 000 for pattern delay, there is a small delay before the new patterns starts.
Table 35. LED Pattern timing
pattern_slow
pattern_delay2 pattern_delay[1..0]
bit duration [ms]
delay [s]
between
patterns
pattern
duration [s]
(total cycle
time:
pattern +
delay)
delay between patterns
pattern_color=0 pattern_color=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com