Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 29 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 29 Page - ams AG

Back Button AS3677 Datasheet HTML 25Page - ams AG AS3677 Datasheet HTML 26Page - ams AG AS3677 Datasheet HTML 27Page - ams AG AS3677 Datasheet HTML 28Page - ams AG AS3677 Datasheet HTML 29Page - ams AG AS3677 Datasheet HTML 30Page - ams AG AS3677 Datasheet HTML 31Page - ams AG AS3677 Datasheet HTML 32Page - ams AG AS3677 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
28 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 21. PWM Control
Automatic Up/Down Dimming
If the register pwm_dim_mode is set to 01 (up dimming) or 10 (down dimming) the value within the register pwm_code
is increased (up dimming) or decreased (down dimming) every time and amount (either 1/4
th or 1/8th) defined by the
register pwm_dim_speed. The maximum value of 255 (completely on) and the minimum value of 0 (off) is never
exceeded. It is used to smoothly and automatically dim the brightness of the LEDs connected to any of the current
sinks. The PWM code is readable all the time (also during up and down dimming).
The waveform for up dimming looks as follows (cycles omitted for simplicity):
Figure 22. PWM Dimming Waveform for up dimming (pwm_dim_mode = 01); currX_mode = PWM controlled (not
all steps shown)
The internal pwm modulator circuit controls the current sinks as shown in the following figure:
Figure 23. PWM Control Circuit (currX_mode = 10b (PWM controlled)); X = any current sink
The adder logic (available for all current sinks) is intended to allow dimming not only from 0% to 100% (or 100% to 0%)
of currX_current, but also e.g. from 10% to 110% (or 110% to 10%) of currX_current. The starting current for up dim-
ming is defined by 0 + currX_adder and the end current is defined by currX_current + currX_adder.


 

  !
 "
#


  !
 "
#
 
  
 
    
 
 


 

 

!!"
 
#
$ %!
 & 
 


!& ! ' ( (
 ) "!
)*
 +
" ' ,
-
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com