Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 31 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 31 Page - ams AG

Back Button AS3677 Datasheet HTML 27Page - ams AG AS3677 Datasheet HTML 28Page - ams AG AS3677 Datasheet HTML 29Page - ams AG AS3677 Datasheet HTML 30Page - ams AG AS3677 Datasheet HTML 31Page - ams AG AS3677 Datasheet HTML 32Page - ams AG AS3677 Datasheet HTML 33Page - ams AG AS3677 Datasheet HTML 34Page - ams AG AS3677 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
30 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
PWM Generator Registers
30
3,5
9
1,45s
0,73s
0,145s
0,073s
31
3,1
8
1,50s
0,75s
0,150s
0,075s
32
2,7
7
1,55s
0,78s
0,155s
0,078s
33
2,4
6
1,60s
0,80s
0,160s
0,080s
34
2,0
5
1,65s
0,83s
0,165s
0,083s
35
1,6
4
1,70s
0,85s
0,170s
0,085s
36
1,2
3
1,75s
0,88s
0,175s
0,088s
37
0,8
2
1,80s
0,90s
0,180s
0,090s
38
0,4
1
1,85s
0,93s
0,185s
0,093s
39
0,0
0
1,90s
0,95s
0,190s
0,095s
Table 37. Pwm control
Register
Addr: 16h
Pwm control
This register controls PWM generator
Bit
Bit Name
Default Access
Description
2:1
pwm_dim_mode
00b
R/W
Selects the dimming mode
00b
no dimming; actual content of register
pwm_code is used for pwm generator
01b
logarithmic up dimming (codes are increased).
Start value is actual pwm_code
10b
logarithmic down dimming (codes are
decreased). Start value is actual pwm_code;
switch off the dimmed current source after
dimming is finished to avoid unnecessary
quiescent current
11b
NA
5:3
pwm_dim_speed
000b
R/W
Defines dimming speed by increase/decrease pwm_code
000b
by 1/4
th every 50 msec (total dim time 1.0s)
001b
by 1/8
th every 50 msec (total dim time 1.9s)
010b
by 1/4
th every 25 msec (total dim time 0.5s)
011b
by 1/8
th every 25 msec (total dim time 0.95s)
100b
by 1/4
th every 5 msec (total dim time 100ms)
101b
by 1/8
th every 5 msec (total dim time 190ms)
110b
by 1/4
th every 2.5 msec (total dim time 50ms)
111b
by 1/8
th every 2.5 msec (total dim time 95ms)
Table 36. PWM Dimming Table
Decrease by 1/4th
every step
Decrease by 1/8th
every step
Seconds
Seconds
Seconds
Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2.5msec/
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com