Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 42 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 42 Page - ams AG

Back Button AS3677 Datasheet HTML 38Page - ams AG AS3677 Datasheet HTML 39Page - ams AG AS3677 Datasheet HTML 40Page - ams AG AS3677 Datasheet HTML 41Page - ams AG AS3677 Datasheet HTML 42Page - ams AG AS3677 Datasheet HTML 43Page - ams AG AS3677 Datasheet HTML 44Page - ams AG AS3677 Datasheet HTML 45Page - ams AG AS3677 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
41 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
current source(s). Therefore the output signal does not show any PWM signal and therefore reduces the noise
in noise sensitive systems - especially if the connection to the LED used long wires.
Note:
For any current source, do not use DLS and the internal PWM generator (see PWM Generator on page 27) at
the same time.
Note:
If using dls_analog=1, the minimum PWM ratio is limited by the LED performance. If the analog current is
reduced too much, it might result in unevenness of the display backlight (as the LEDs are usually not specified
at very low current operation).
RGB1, RGB2 and RGB3 can only use ‘digital’ DLS - the register dls_analog does have no influence.
The analog processing of the DLS signal works as follows (dls_analog=1):
1. The input signal from pins DLS1 and DLS2 are feed into the digital filter. A logic ‘L’ is converted into ‘0.000’ and
a logic ‘H’ is converted into ‘1.000’.
2. The digital filter processes this signal. The filter itself is implemented as a 4th order low pass filter with fixed
coefficients. Its 3dB cut-off frequency is set to fDLS_FILTER.
3. The output signal (fixed comma binary 8 bit signal) is multiplied by the individual current setting.
4. From this 8 x 8 multiplication (16bit result), the 8 MSBs are used.
This value is converted with a current DAC into a current, which controls the LED.
8.4.8 Unused DLS Input Pins
The pins DLS1 and DLS2 should be connected to VSS if not used.
8.4.9 DLS Internal Processing
The internal processing is shown in Figure 25:
Table 75. DLS Input Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fDLS
DLS input frequency
range
pins DLS1 and DLS2 if
used for DLS (any bit set:
curr1_on_dls,
curr2_on_dls or
curr6_on_dls); pin DLS1 if
used for RGB1, RGB2 and
RGB3 (only ‘digital’ DLS)
dls_analog=0
25
1000
kHz
dls_analog=1
300
1
1. For duty cycles >5%
25000
1
Hz
fDLS_FILTER
DLS internal filter 3dB
cutoff frequency
dls_analog=1, low pass filter 4th order
2
kHz
VIHDLS
High Level Input
Voltage
pins DLS1 and DLS2
1.38
VBAT
V
VILDLS
Low Level Input
Voltage
0.52
V
ILEAK
Input Leakage Current
to VBAT or VSS
-5
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com