Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 9 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 9 Page - ams AG

Back Button AS3931 Datasheet HTML 5Page - ams AG AS3931 Datasheet HTML 6Page - ams AG AS3931 Datasheet HTML 7Page - ams AG AS3931 Datasheet HTML 8Page - ams AG AS3931 Datasheet HTML 9Page - ams AG AS3931 Datasheet HTML 10Page - ams AG AS3931 Datasheet HTML 11Page - ams AG AS3931 Datasheet HTML 12Page - ams AG AS3931 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.austriamicrosystems.com
Revision 6.2
8 - 30
AS3931
Datasheet - Electrical Character i s t ics
TDVCH
Data valid to pos. Clock
edge
VREG = 2.4 V to 3.5 V
11
100
ns
TCHDI
pos. Clock edge to Data
invalid
VREG = 2.4 V to 3.5 V
11
100
ns
TSHCH
Select active to pos. Clock
edge
VREG = 2.4 V to 3.5 V
11
100
ns
TCHSL
pos. Clock to Select
inactive
VREG = 2.4 V to 3.5 V
11
100
ns
TSL
Select low time
VREG = 2.4 V to 3.5 V
11
500
ns
1. The half-bit rate correlates with the crystal oscillator clock frequency fclk as follows: BR = fCLK/12
2. The Manchester bit rate correlates with the Half-Bit Rate as follows: BM = BR/2
3. Code word can be changed by metal option
4. 8 preamble half-bits are equivalent to 4 manchester bits
5. VREG output may not be used as a supply for other circuits
6. This is the internal Power on Reset time generated by the chip. To ensure proper start-up conditions, the supply voltage VCC must be
ramped up to its final value during TPOR
7. This is the additional operating current when the RSSI buffer is activated without load
8.
ΔVCC means a hard step of the supply voltage down to a lower value by an amount of ΔVCC; after such a step, the analog circuits in the
chip take some time to recover for working properly again. The maximum step value is listed.
9. Crystal tolerance: 100ppm
10.Values refer to production test
11.If regulator is on, then VREG = 2.4 V; If regulator is off, then VREG = VCC, where VCC = 2.4 V to 3.5 V
12.The RSSI step is the change of the RSSI output voltage when the input signal amplitude changes from 0 to specified value
13.Time to step from initial RSSI value to 95% of the final value
14.ChA may be any channel 1 – 3, whereas ChB may be any other remaining channel.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com