Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 12 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 12 Page - ams AG

Back Button AS3931 Datasheet HTML 8Page - ams AG AS3931 Datasheet HTML 9Page - ams AG AS3931 Datasheet HTML 10Page - ams AG AS3931 Datasheet HTML 11Page - ams AG AS3931 Datasheet HTML 12Page - ams AG AS3931 Datasheet HTML 13Page - ams AG AS3931 Datasheet HTML 14Page - ams AG AS3931 Datasheet HTML 15Page - ams AG AS3931 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
11 - 30
AS3931
Datasheet - Ty pical Operating Characteristics
7.3 Supply Voltage Dependence of RSSI
Figure 8. RSSI-step [V] @ Vin = 1 mVpp and 2 mV
Figure 9. RSSI-step [V] @ Vin = 300 µVpp and offset
vs. VCC [V]
vs. VCC [V]
Figure 10. RSSI-step [V] @ Vin = 1 mVpp and 2 mV vs
Figure 11. RSSI-step [V] @ Vin =300 µVpp and offset
VCC [V], reduced stepvs. VCC [V], reduced step
410m
390m
370m
350m
330m
310m
290m
270m
250m
2.40
2.60
2.80
3.00
3.20
3.40
3.60
87.0m
83.0m
79.0m
75.0m
71.0m
67.0m
2.00m
1.80m
1.60m
1.40m
1.20m
1.00m
800m
2.40
2.60
2.80
3.00
3.20
3.40
3.60
280m
260m
240m
220m
200m
180m
160m
2.40
2.60
2.80
3.00
3.20
3.40
3.60
57.0m
55.0m
53.0m
51.0m
49.0m
47.0m
45.0m
43.0m
2.10
1.90
1.70
1.50
1.30
1.10
900m
2.40
2.60
2.80
3.00
3.20
3.40
3.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com