Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 15 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 15 Page - ams AG

Back Button AS3931 Datasheet HTML 11Page - ams AG AS3931 Datasheet HTML 12Page - ams AG AS3931 Datasheet HTML 13Page - ams AG AS3931 Datasheet HTML 14Page - ams AG AS3931 Datasheet HTML 15Page - ams AG AS3931 Datasheet HTML 16Page - ams AG AS3931 Datasheet HTML 17Page - ams AG AS3931 Datasheet HTML 18Page - ams AG AS3931 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
14 - 30
AS3931
Datasheet - Detailed Descr i pti on
Figure 14. Input Protection Circuit
8.2.5 Logarithmic Envelope Amplifiers
The logarithmic envelope amplifiers amplify the ASK coded LF input signals. They generate Received Signal Strength Indicator (RSSI) signals,
which are proportional to the logarithm of the received field strengths within the specified dynamic range. These signals are used for data
detection and distance measurements. The RSSI signals are bandwidth limited to reduce noise influence. The slope of the amplifiers in the low
signal range can be controlled by register settings: a high slope for increased sensitivity but also increased current consumption and a weak
slope with reduced current consumption are possible.
8.2.6 Detectors
The detectors convert the logarithmic envelope signal containing ASK coded data into digital signals. Each detector consists of a lowpass filter
for generation of an adaptive threshold and a slicing comparator. A preamble is required for a proper adaptation of the threshold prior to the
decision of the first valid data bit. A constant positive threshold offset is included in the comparator to ensure no data output in case of no input
signal. This increases the overall system noise immunity.
8.2.7 Digital Correlators
The AS3931 uses a 16-bit digital wakeup pattern. Digital correlators perform the identification of this pattern. They use a sophisticated detection
algorithm that provides high immunity against noise injection as a result of stochastic and periodic interference’s. The AS3931 provides the
possibility to double the length of the wake pattern to 32 bit. This is useful in environments with high noise levels to reduce the possibility of
spurious (parasitic) wakeups. In this case the usual wake pattern must be sent twice before a wake up is recognized and a WAKE signal is
generated. This active low WAKE signal is generated after successful pattern identification. Otherwise WAKE is high. Setting a register bit via the
serial-programming interface resets the correlators. In order to save power the correlators are stopped when no data has been received for a
specified amount of time. The correlators can be configured regarding their error tolerance by register settings.
8.2.8 Wake Generator
A counter, clocked by the 32 kHz crystal oscillator, generates an artificial wake up app. every 2 hours. This wake up can be used to manage the
quiescent current consumption of the AS3931. The idea behind is, to switch off one or more of the receiving channels in case of no true wake up
detection for long times; that is when only parasitic wakeups or no wakeup at all is detected. An external controlling unit (µC) can identify this
case by counting the parasitic wake ups and powering down one or more of the receiver channels to save current. When no wake ups are
detected at all, e.g. if the application device is stored in a stock, then the wake generator’s artificial parasitic wakeups (every 2 hours) can be
used to identify the situation.
8.2.9 Crystal Oscillator
The crystal oscillator generates the clock signal for the digital correlators. It has been optimized for a 32.768 kHz quartz crystal connected to pins
XIN and XOUT. The oscillator provides extremely low current consumption, so it can be operated permanently by a battery.
8.2.10 Regulator
A regulator is implemented to provide the amplifiers and digital circuits with a stable and clean supply. The regulator can be switched off; in this
case the external supply voltage is bypassed to the amplifiers and digital circuits. The regulator shall always be used for external supply voltages
higher then 3.3V, otherwise the current consumption is significantly increased. The regulated voltage can be seen at the VREG pin, but may not
be used to supply any other external circuits.
8.2.11 Power On Reset (POR)
A power on reset circuit guarantees proper circuit operation after power supply starts up. All internal registers are reset to their default states
after power on. After the Power On Reset time, the active low WAKE output is activated and set to low (Power On Wake Up). During the Power
On Reset time, the WAKE output pin is set to high. By this, it is ensured that this triggers the Power On Wake Up triggered only when the internal
registers are reset and ready to be programmed.
LFN
LFP
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com