Electronic Components Datasheet Search
  English  ▼

X  

AS3931 Datasheet(PDF) 2 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 2 Page - ams AG

  AS3931 Datasheet HTML 1Page - ams AG AS3931 Datasheet HTML 2Page - ams AG AS3931 Datasheet HTML 3Page - ams AG AS3931 Datasheet HTML 4Page - ams AG AS3931 Datasheet HTML 5Page - ams AG AS3931 Datasheet HTML 6Page - ams AG AS3931 Datasheet HTML 7Page - ams AG AS3931 Datasheet HTML 8Page - ams AG AS3931 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
AS3931
3D Low Power Wakeup Receiver
www.austriamicrosystems.com/AS3931
Revision 6.2
1 - 30
Datasheet
1 General Description
The AS3931 is an ultra low power, three channel LF ASK receiver
designed to operate in various applications such as LF identifications
systems and LF tag receivers. AS3931 detects a low frequency
ASK-modulated signal by looking for a digital wakeup pattern and
generates a WAKE signal after successful pattern detection. The
device incorporates an intelligent pattern detection algorithm that
provides reliable operation in presence of strong interference. An
RSSI signal can be generated at the RSSI pin for each receiver
channel.
The product is available in 16-pin TSSOP package.
The AS3931 contains:
Antenna rotation switch
Three independent LF receiver chains
Wakeup output combining the three receiver chains
Low power 32.768kHz crystal oscillator circuit
Serial programming interface
Voltage regulator with 2.4V output, on/off switchable
Each independent LF receiver chain contains:
Input overload protection
Input attenuator
Ultra low power LF amplifier with logarithmic envelope output
Robust data detector with adaptive slicing threshold that
translates the logarithmic envelope into a digital data signal.
Error tolerant digital pattern correlator that detects a given code
sequences in the received data signal and generates a wakeup
signal.
Sophisticated power management logic that powers down the
correlator if no data is received.
2 Key Features
Programmable Serial Data Interface
Flexible carrier frequencies
Three axis wakeup pattern detection
Three axis LF field strength measurement
Antenna rotation for easy calibration
High sensitivity and high dynamic range
Wide operating frequency range
Reliable, interference resistant wakeup decoding
Highly protected differential inputs
Ultra low power consumption
Automotive qualified
16-pin TSSOP package
3 Applications
The device is ideal for LF identification systems, LF tag receivers,
three dimensional LF field strength measurement systems, and Ultra
low power wake up systems.
Transmitting
Antenna
VCC
CBAT
RP
CREG
RSSI
DATA
CLOCK
CHIP SEL
WAKE
CB
XTAL
CA
VCC
LF1N
LF1P
LF2N
LF2P
LF3N
LF3P
GND
XIN
XOUT
WAKE
CS
SCL
SDA
RSSI
VREG
Figure 1. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com