Electronic Components Datasheet Search
  English  ▼

X  

AS5045 Datasheet(PDF) 7 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 7 Page - ams AG

Back Button AS5045_10 Datasheet HTML 3Page - ams AG AS5045_10 Datasheet HTML 4Page - ams AG AS5045_10 Datasheet HTML 5Page - ams AG AS5045_10 Datasheet HTML 6Page - ams AG AS5045_10 Datasheet HTML 7Page - ams AG AS5045_10 Datasheet HTML 8Page - ams AG AS5045_10 Datasheet HTML 9Page - ams AG AS5045_10 Datasheet HTML 10Page - ams AG AS5045_10 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
6 – 33
Building Block
AS5045
AS5040
Propagation delay
384µs (slow mode)
96µs (fast mode)
48µs
Transition noise
(rms; 1sigma)
0.03 degrees max. (slow mode)
0.06 degrees max. (fast mode)
0.12 degrees
OTP programming
options
Zero position, rotational direction, PWM
disable, 2 Magnetic Field indicator modes, 2
PWM frequencies
Zero position, rotational direction,
incremental modes, index bit width
6.2
Absolute Maximum Ratings (non operating)
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond those
indicated under “Operating Conditions” is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Note
DC supply voltage at pin VDD5V
VDD5V
-0.3
7
V
DC supply voltage at pin VDD3V3
VDD3V3
5
V
Input pin voltage
Vin
-0.3
VDD5V
+0.3
V
Except VDD3V3
Input current (latchup immunity)
Iscr
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
ESD
± 2
kV
Norm: MIL 883 E method 3015
Storage temperature
Tstrg
-55
125
°C
Min – 67°F ; Max +257°F
Body temperature (Lead-free
package)
TBody
260
°C
t=20 to 40s,
Norm: IPC/JEDEC J-Std-020
Lead finish 100% Sn “matte tin”
Humidity non-condensing
H
5
85
%
6.3
Operating Conditions
Parameter
Symbol
Min
Typ Max
Unit
Note
Ambient temperature
Tamb
-40
125
°C
-40°F…+257°F
Supply current
Isupp
16
21
mA
Supply voltage at pin VDD5V
Voltage regulator output voltage at pin
VDD3V3
VDD5V
VDD3V3
4.5
3.0
5.0
3.3
5.5
3.6
V
5V operation
Supply voltage at pin VDD5V
Supply voltage at pin VDD3V3
VDD5V
VDD3V3
3.0
3.0
3.3
3.3
3.6
3.6
V
3.3V operation
(pin VDD5V and VDD3V3 connected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com