Electronic Components Datasheet Search
  English  ▼

X  

AS5045 Datasheet(PDF) 26 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 26 Page - ams AG

Back Button AS5045_10 Datasheet HTML 22Page - ams AG AS5045_10 Datasheet HTML 23Page - ams AG AS5045_10 Datasheet HTML 24Page - ams AG AS5045_10 Datasheet HTML 25Page - ams AG AS5045_10 Datasheet HTML 26Page - ams AG AS5045_10 Datasheet HTML 27Page - ams AG AS5045_10 Datasheet HTML 28Page - ams AG AS5045_10 Datasheet HTML 29Page - ams AG AS5045_10 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
25 – 33
15 Simulation Modeling
Figure 20. Arrangement of Hall Sensor Array on Chip (principle)
With reference to Figure 20, a diametrically magnetized permanent magnet is placed above or below the surface of
the AS5045. The chip uses an array of Hall sensors to sample the vertical vector of a magnetic field distributed
across the device package surface. The area of magnetic sensitivity is a circular locus of 1.1mm radius with respect
to the center of the die. The Hall sensors in the area of magnetic sensitivity are grouped and configured such that
orthogonally related components of the magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of the magnetic field. The differential signal X1-X2 will give an
orthogonally related cosine vector of the magnetic field.
The angular displacement (
Θ) of the magnetic source with reference to the Hall sensor array may then be modelled
by:
()
()
°
±
−
−
=
Θ
5
.
0
2
1
2
1
arctan
X
X
Y
Y
The
±0.5° angular error assumes a magnet optimally aligned over the center of the die and is a result of gain
mismatch errors of the AS5045. Placement tolerances of the die within the package are
±0.235mm in X and Y
direction, using a reference point of the edge of pin #1 (see Figure 20).
In order to neglect the influence of external disturbing magnetic fields, a robust differential sampling and ratiometric
calculation algorithm has been implemented. The differential sampling of the sine and cosine vectors removes any
common mode error due to DC components introduced by the magnetic source itself or external disturbing magnetic
fields. A ratiometric division of the sine and cosine vectors removes the need for an accurate absolute magnitude of
the magnetic field and thus accurate Z-axis alignment of the magnetic source.
The recommended differential input range of the magnetic field strength (B(X1-X2), B(Y1-Y2)) is ±75mT at the surface of
the die. In addition to this range, an additional offset of
±5mT, caused by unwanted external stray fields is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com