Electronic Components Datasheet Search
  English  ▼

X  

AS5045 Datasheet(PDF) 30 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 30 Page - ams AG

Back Button AS5045_10 Datasheet HTML 26Page - ams AG AS5045_10 Datasheet HTML 27Page - ams AG AS5045_10 Datasheet HTML 28Page - ams AG AS5045_10 Datasheet HTML 29Page - ams AG AS5045_10 Datasheet HTML 30Page - ams AG AS5045_10 Datasheet HTML 31Page - ams AG AS5045_10 Datasheet HTML 32Page - ams AG AS5045_10 Datasheet HTML 33Page - ams AG AS5045_10 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
29 – 33
17.4 Propagation Delays
The propagation delay is the delay between the time that the sample is taken until it is converted and available as
angular data. This delay is 96µs in fast mode and 384µs in slow mode.
Using the SSI interface for absolute data transmission, an additional delay must be considered, caused by the
asynchronous sampling (0 … 1/fsample) and the time it takes the external control unit to read and process the angular
data from the chip (maximum clock rate = 1MHz, number of bits per reading = 18).
17.4.1 Angular Error Caused by Propagation Delay
A rotating magnet will cause an angular error caused by the output propagation delay.
This error increases linearly with speed:
delay
prop
rpm
e
sampling
.
*
6
,
∗
=
where
esampling = angular error [°]
rpm
= rotating speed [rpm]
prop.delay
= propagation delay [seconds]
Note: since the propagation delay is known, it can be automatically compensated by the control unit processing the
data from the AS5045.
17.5 Internal Timing Tolerance
The AS5045 does not require an external ceramic resonator or quartz. All internal clock timings for the AS5045 are generated by
an on-chip RC oscillator. This oscillator is factory trimmed to
±5% accuracy at room temperature (±10% over full temperature
range). This tolerance influences the ADC sampling rate and the pulse width of the PWM output:
Absolute output; SSI interface:
A new angular value is updated every 96µs (typ.) in fast mode and every 384µs (typ.) in slow mode.
PWM output:
A new angular value is updated every 400µs (typ.).
The PWM pulse timings Ton and Toff also have the same tolerance as the internal oscillator (see above).
If only the PWM pulse width Ton is used to measure the angle, the resulting value also has this timing tolerance.
However, this tolerance can be cancelled by measuring both Ton and Toff and calculating the angle from the duty
cycle (see section 9):
() 1
4097 −
+
⋅
=
off
on
on
t
t
t
Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com