Electronic Components Datasheet Search
  English  ▼

X  

AS5045 Datasheet(PDF) 16 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 16 Page - ams AG

Back Button AS5045_10 Datasheet HTML 12Page - ams AG AS5045_10 Datasheet HTML 13Page - ams AG AS5045_10 Datasheet HTML 14Page - ams AG AS5045_10 Datasheet HTML 15Page - ams AG AS5045_10 Datasheet HTML 16Page - ams AG AS5045_10 Datasheet HTML 17Page - ams AG AS5045_10 Datasheet HTML 18Page - ams AG AS5045_10 Datasheet HTML 19Page - ams AG AS5045_10 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
15 – 33
Table 5.
Magnetic Field Strength Red-yellow-green Indicator (OTP option)
Status Bits
Hardware Pins
OTP: Mag CompEn = 1 (red-yellow-green programming
option)
Mag
INC
Mag
DEC
LIN
Mag
INCn
Mag
DECn
Description
0
0
0
Off
Off
No distance change
Magnetic input field OK (GREEN range, ~45…75mT)
1
1
0
On
Off
YELLOW range: magnetic field is ~ 25…45mT or ~75…135mT. The
AS5045 may still be operated in this range, but with slightly reduced
accuracy.
1
1
1
On
On
RED range: magnetic field is ~<25mT or >~135mT. It is still possible to
operate the AS5045 in the red range, but not recommended.
All other combinations
n/a
n/a
Not available
Note: Pin 1 (MagINCn) and pin 2 (MagDECn) are active low via open drain output and require an external pull-up
resistor. If the magnetic field is in range, both outputs are turned off.
The two pins may also be combined with a single pull-up resistor. In this case, the signal is high when the magnetic
field is in range. It is low in all other cases (see Table 4 and Table 5).
8.2
Daisy Chain Mode
The Daisy Chain mode allows connection of several AS5045’s in series, while still keeping just one digital input for
data transfer (see “Data IN” in Figure 6 below). This mode is accomplished by connecting the data output (DO; pin 9)
to the data input (PROG; pin 8) of the subsequent device. An RC filter must be implemented between each PROG
pin of device n and DO pin of device n+1, to prevent then encoders to enter the alignment mode, in case of ESD
discharge, long cables, not conform signal levels or shape. Using the values R=100R and C=1nF allow a max. CLK
frequency of 1MHz on the whole chain. The serial data of all connected devices is read from the DO pin of the first
device in the chain. The length of the serial bit stream increases with every connected device, it is
n * (18+1) bits:
e.g. 38 bit for two devices, 57 bit for three devices, etc…
The last data bit of the first device (Parity) is followed by a dummy bit and the first data bit of the second device
(D11), etc… (see Figure 7)
Figure 6. Daisy Chain Hardware Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com