Electronic Components Datasheet Search
  English  ▼

X  

AS5045 Datasheet(PDF) 19 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 19 Page - ams AG

Back Button AS5045_10 Datasheet HTML 15Page - ams AG AS5045_10 Datasheet HTML 16Page - ams AG AS5045_10 Datasheet HTML 17Page - ams AG AS5045_10 Datasheet HTML 18Page - ams AG AS5045_10 Datasheet HTML 19Page - ams AG AS5045_10 Datasheet HTML 20Page - ams AG AS5045_10 Datasheet HTML 21Page - ams AG AS5045_10 Datasheet HTML 22Page - ams AG AS5045_10 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
18 – 33
11 Programming the AS5045
After power-on, programming the AS5045 is enabled with the rising edge of CSn and Prog = logic high. 16 bit
configuration data must be serially shifted into the OTP register via the Prog pin. The first “CCW” bit is followed by
the zero position data (MSB first) and the Mode setting bits. Data must be valid at the rising edge of CLK (see
Figure 10
).
After writing the data into the OTP register it can be permanently programmed by rising the Prog pin to the
programming voltage VPROG. 16 CLK pulses (tPROG) must be applied to program the fuses (Figure 11). To exit the
programming mode, the chip must be reset by a power-on-reset. The programmed data is available after the next
power-up.
Note: During the programming process, the transitions in the programming current may cause high voltage spikes
generated by the inductance of the connection cable. To avoid these spikes and possible damage to the IC, the
connection wires, especially the signals Prog and VSS must be kept as short as possible. The maximum wire length
between the VPROG switching transistor and pin Prog should not exceed 50mm (2 inches). To suppress eventual
voltage spikes, a 10nF ceramic capacitor should be connected close to pins VPROG and VSS. This capacitor is only
required for programming, it is not required for normal operation. The clock timing tclk must be selected at a proper
rate to ensure that the signal Prog is stable at the rising edge of CLK (see Figure 10). Additionally, the programming
supply voltage should be buffered with a 10µF capacitor mounted close to the switching transistor. This capacitor
aids in providing peak currents during programming. The specified programming voltage at pin Prog is 7.3 ~ 7.5V
(see section 6.8).
To compensate for the voltage drop across the VPROG switching transistor, the applied programming voltage may be
set slightly higher (7.5 ~ 8.0V, see Figure 12).
OTP Register Contents:
CCW
Counter Clockwise Bit
ccw=0 – angular value increases in clockwise direction
ccw=1 – angular value increases in counter clockwise direction
Z [11:0]:
Programmable Zero Position
PWM dis:
Disable PWM output
MagCompEn:
When set, activates LIN alarm both when magnetic field is too high and too low (see Table 5)
PWMhalfEn:
When set, PWM frequency is 122Hz or 2µs / step (when PWMhalfEN = 0, PWM frequency is 244Hz,
1µs / step)
11.1 Zero Position Programming
Zero position programming is an OTP option that simplifies assembly of a system, as the magnet does not need to
be manually adjusted to the mechanical zero position. Once the assembly is completed, the mechanical and
electrical zero positions can be matched by software. Any position within a full turn can be defined as the permanent
new zero position.
For zero position programming, the magnet is turned to the mechanical zero position (e.g. the “off”-position of a
rotary switch) and the actual angular value is read.
This value is written into the OTP register bits Z11:Z0 (see Figure 10) and programmed (see Figure 11).
Note:
The zero position value may also be modified before programming, e.g. to program an electrical zero position
that is 180° (half turn) from the mechanical zero position, just add 2048 to the value read at the mechanical zero
position and program the new value into the OTP register.
11.2 Repeated OTP Programming
Although a single AS5045 OTP register bit can be programmed only once (from 0 to 1), it is possible to program
other, unprogrammed bits in subsequent programming cycles. However, a bit that has already been programmed
should not be programmed twice. Therefore it is recommended that bits that are already programmed are set to “0”
during a programming cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com