Electronic Components Datasheet Search
  English  ▼

X  

M38510 Datasheet(PDF) 5 Page - Texas Instruments

Part # M38510
Description  LF198JAN Monolithic Sample-and-Hold Circuits
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

M38510 Datasheet(HTML) 5 Page - Texas Instruments

  M38510 Datasheet HTML 1Page - Texas Instruments M38510 Datasheet HTML 2Page - Texas Instruments M38510 Datasheet HTML 3Page - Texas Instruments M38510 Datasheet HTML 4Page - Texas Instruments M38510 Datasheet HTML 5Page - Texas Instruments M38510 Datasheet HTML 6Page - Texas Instruments M38510 Datasheet HTML 7Page - Texas Instruments M38510 Datasheet HTML 8Page - Texas Instruments M38510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LF198JAN
www.ti.com
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
Electrical Characteristics DC Parameters (continued)
Symbol
Parameter
Sub-
Conditions
Notes
Min
Max
Unit
groups
ICH+
Hold Capacitor Charge Current
-3.0
mA
1
+VCC = 15V, -VCC = -15V,
VCM = 0V
-2.0
mA
2, 3
ICH-
Hold Capacitor Charge Current
3.0
mA
1
+VCC = 15V, -VCC = -15V,
VCM = 0V
2.0
mA
2, 3
VTh(H)
Differential Logic Threshold
+VCC = 15V, -VCC = -15V,
VCM = 0V
1.0
mA
1, 2, 3
Logic = 2.0V, Logic Ref = 2.0V
VTh(L)
Differential Logic Threshold
+VCC = 15V, -VCC = -15V,
VCM = 0V
-10
10
µA
1, 2, 3
Logic = 0.8V, Logic Ref = 2.0V
IHL+
Hold Mode Leakage Current
See(1)
-0.100
0.100
nA
1
+VCC = 3.5V, -VCC = -26.5V,
VCM = -11.5V
-50
50
nA
2
IHL-
Hold Mode Leakage Current
See(1)
-0.100
0.100
nA
1
+VCC = 26.5V, -VCC = -3.5V, VCM
= 11.5V
-50
50
nA
2
ZO
Output Impedance
+VCC = 15V, -VCC = -15V,
2.0
Ω
1, 2, 3
VCM = 0V
VHS
(HOLD) Step Voltage
See(2)
-2.0
2.0
mV
1
+VCC = 3.5V, -VCC = -26.5V, VCM
= 11.5V
-5.0
5.0
mV
2, 3
See(2)
-2.0
2.0
mV
1
+VCC = 26.5V, -VCC = -3.5V, VCM
= -11.5V
-5.0
5.0
mV
2, 3
FRR
Feedthrough Rejection Ratio
86
dB
1
+VCC = 15V, -VCC = -15V,
VCM = 0V, VI = 0V to 11.5V
80
dB
2, 3
86
dB
1
+VCC = 15V, -VCC = -15V,
VCM = 0V, VI = 11.5V to 0V
80
dB
2, 3
86
dB
1
+VCC = 15V, -VCC = -15V,
VCM = 0V, VI = 0V to -11.5V
80
dB
2, 3
86
dB
1
+VCC = 15V, -VCC = -15V,
VCM = 0V, VI = -11.5V to 0V
80
dB
2, 3
(1)
Leakage current is measured at a junction temperature of 25°C. The effects of junction temperature rise due to power dissipation or
elevated ambient can be calculated by doubling the 25°C value for each 11°C increase in chip temperature. Leakage is ensured over full
input signal range.
(2)
Hold step is sensitive to stray capacitive coupling between input logic signals and the hold capacitor. 1 pF, for instance, will create an
additional 0.5 mV step with a 5V logic swing and a 0.01
μF hold capacitor. Magnitude of the hold step is inversely proportional to hold
capacitor value.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LF198JAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com