Electronic Components Datasheet Search
  English  ▼

X  

M38510 Datasheet(PDF) 16 Page - Texas Instruments

Part # M38510
Description  LF198JAN Monolithic Sample-and-Hold Circuits
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

M38510 Datasheet(HTML) 16 Page - Texas Instruments

Back Button M38510 Datasheet HTML 12Page - Texas Instruments M38510 Datasheet HTML 13Page - Texas Instruments M38510 Datasheet HTML 14Page - Texas Instruments M38510 Datasheet HTML 15Page - Texas Instruments M38510 Datasheet HTML 16Page - Texas Instruments M38510 Datasheet HTML 17Page - Texas Instruments M38510 Datasheet HTML 18Page - Texas Instruments M38510 Datasheet HTML 19Page - Texas Instruments M38510 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LF198JAN
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Differential Hold
Capacitor Hysteresis Compensation
**Adjust for amplitude
Definition of Terms
Hold Step: The voltage step at the output of the sample and hold when switching from sample mode to hold
mode with a steady (dc) analog input voltage. Logic swing is 5V.
Acquisition Time: The time required to acquire a new analog input voltage with an output step of 10V. Note that
acquisition time is not just the time required for the output to settle, but also includes the time required for all
internal nodes to settle so that the output assumes the proper value when switched to the hold mode.
Gain Error: The ratio of output voltage swing to input voltage swing in the sample mode expressed as a per cent
difference.
Hold Settling Time: The time required for the output to settle within 1 mV of final value after the “hold” logic
command.
Dynamic Sampling Error: The error introduced into the held output due to a changing analog input at the time
the hold command is given. Error is expressed in mV with a given hold capacitor value and input slew rate. Note
that this error term occurs even for long sample times.
Aperture Time: The delay required between “Hold” command and an input analog transition, so that the
transition does not affect the held output.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LF198JAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com