Electronic Components Datasheet Search
  English  ▼

X  

M38510 Datasheet(PDF) 10 Page - Texas Instruments

Part # M38510
Description  LF198JAN Monolithic Sample-and-Hold Circuits
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

M38510 Datasheet(HTML) 10 Page - Texas Instruments

Back Button M38510 Datasheet HTML 6Page - Texas Instruments M38510 Datasheet HTML 7Page - Texas Instruments M38510 Datasheet HTML 8Page - Texas Instruments M38510 Datasheet HTML 9Page - Texas Instruments M38510 Datasheet HTML 10Page - Texas Instruments M38510 Datasheet HTML 11Page - Texas Instruments M38510 Datasheet HTML 12Page - Texas Instruments M38510 Datasheet HTML 13Page - Texas Instruments M38510 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LF198JAN
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
LOGIC INPUT CONFIGURATIONS
TTL & CMOS
3V
≤ V
LOGIC (Hi State) ≤ 7V
Threshold = 1.4V
Threshold = 1.4V*Select for 2.8V at pin 8
CMOS
7V
≤ VLOGIC (Hi State) ≤ 15V
Threshold = 0.6 (V+) + 1.4V
Threshold = 0.6 (V+)
− 1.4V
Op Amp Drive
Threshold
≈ +4V
Threshold =
−4V
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LF198JAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com