Electronic Components Datasheet Search
  English  ▼

X  

M38510 Datasheet(PDF) 1 Page - Texas Instruments

Part # M38510
Description  LF198JAN Monolithic Sample-and-Hold Circuits
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

M38510 Datasheet(HTML) 1 Page - Texas Instruments

  M38510 Datasheet HTML 1Page - Texas Instruments M38510 Datasheet HTML 2Page - Texas Instruments M38510 Datasheet HTML 3Page - Texas Instruments M38510 Datasheet HTML 4Page - Texas Instruments M38510 Datasheet HTML 5Page - Texas Instruments M38510 Datasheet HTML 6Page - Texas Instruments M38510 Datasheet HTML 7Page - Texas Instruments M38510 Datasheet HTML 8Page - Texas Instruments M38510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LF198JAN
www.ti.com
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
LF198JAN Monolithic Sample-and-Hold Circuits
Check for Samples: LF198JAN
1
FEATURES
DESCRIPTION
The LF198 is a monolithic sample-and-hold circuit
2
•
Operates from ±5V to ±18V Supplies
which utilizes BI-FET technology to obtain ultra-high
•
Less Than 10
μs Acquisition Time
dc accuracy with fast acquisition of signal and low
•
TTL, PMOS, CMOS Compatible Logic Input
droop rate. Operating as a unity gain follower, dc gain
accuracy is 0.002% typical and acquisition time is as
•
0.5 mV Typical Hold Step at Ch = 0.01 μF
low as 6
μs to 0.01%. A bipolar input stage is used to
•
Low Input Offset
achieve low offset voltage and wide bandwidth. Input
•
0.002% Gain Accuracy
offset adjust is accomplished with a single pin, and
does not degrade input offset drift. The wide
•
Low Output Noise in Hold Mode
bandwidth allows the LF198 to be included inside the
•
Input Characteristics Do Not Change During
feedback loop of 1 MHz op amps without having
Hold Mode
stability problems. Input impedance of 1010
Ω allows
•
High Supply Rejection Ratio in Sample or Hold
high
source
impedances
to
be
used
without
degrading accuracy.
•
Wide Bandwidth
•
Space Qualified
P-channel junction FET's are combined with bipolar
Logic Inputs on the LF198 are Fully Differential
devices in the output amplifier to give droop rates as
low as 5 mV/min with a 1
μF hold capacitor. The
with Low Input Current, Allowing Direct
JFET's have much lower noise than MOS devices
Connection to TTL, PMOS, and CMOS.
used in previous designs and do not exhibit high
Differential Threshold is 1.4V. The LF198 will
temperature instabilities. The overall design ensures
Operate from ±5V to ±18V Supplies.
no feed-through from input to output in the hold
mode, even for input signals equal to the supply
voltages.
Connection Diagrams
Figure 1. TO-99 Package
See Package Number LMC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - M38510

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
M38510 ROCHESTER-M38510 Datasheet
642Kb / 1P
DUAL SPST ANALOG SWITCH with CMOS and TTL versatility made from original Intersil wafers
logo
Texas Instruments
M38510 TI1-M38510 Datasheet
940Kb / 23P
DUAL DIFFERENTIAL RECEIVERS
M38510 TI-M38510 Datasheet
329Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
M38510 TI1-M38510 Datasheet
1Mb / 37P
Quad Differential Comparators
M38510 TI1-M38510 Datasheet
885Kb / 25P
Dual Differential Comparators
More results

Similar Description - M38510

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
LF198JAN Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
LF198JAN Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
LF198JAN Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com