Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 39 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 35Page - Texas Instruments MSC1200 Datasheet HTML 36Page - Texas Instruments MSC1200 Datasheet HTML 37Page - Texas Instruments MSC1200 Datasheet HTML 38Page - Texas Instruments MSC1200 Datasheet HTML 39Page - Texas Instruments MSC1200 Datasheet HTML 40Page - Texas Instruments MSC1200 Datasheet HTML 41Page - Texas Instruments MSC1200 Datasheet HTML 42Page - Texas Instruments MSC1200 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
39
Hardware Configuration Register 0 (HCR0)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CADDR 3Fh
EPMA
PML
RSL
EBR
EWDR
1
DFSEL1
DFSEL0
NOTE: HCR0 is programmable only in SFPM, but can be read in UAM using the faddr_data_read Boot ROM routine.
EPMA
Enable Program Memory Access (Security Bit).
bit 7
0: After reset in programming modes, Flash Memory can only be accessed in UAM until a mass erase is done.
1: Fully Accessible (default)
PML
Program Memory Lock (PML has priority over RSL).
bit 6
0: Enable read and write for Program Memory in UAM.
1: Enable Read-Only mode for Program Memory in UAM (default).
RSL
Reset Sector Lock. The reset sector can be used to provide another method of Flash Memory programming, which
bit 5
allows Program Memory updates without changing the jumpers for in-circuit code updates or program development.
The code in this boot sector would then provide the monitor and programming routines with the ability to jump into
the main Flash code when programming is finished.
0: Enable Reset Sector Writing
1: Enable Read-Only mode for reset sector (4kB) (default). Same effect as PML for the MSC120xY2.
EBR
Enable Boot ROM. Boot ROM is 1kB of code located in ROM, not to be confused with the 4kB Boot Sector located
bit 4
in Flash Memory.
0: Disable Internal Boot ROM
1: Enable Internal Boot ROM (default)
EWDR
Enable Watchdog Reset.
bit 3
0: Disable Watchdog Reset
1: Enable Watchdog Reset (default)
DFSEL1−0
Data Flash Memory Size (see Table 3).
bits 1−0
00: 4kB Data Flash Memory (MSC120xY3 only)
01: 2kB Data Flash Memory
10: 1kB Data Flash Memory
11: No Data Flash Memory (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com