Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 71 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 71 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 67Page - Texas Instruments MSC1200 Datasheet HTML 68Page - Texas Instruments MSC1200 Datasheet HTML 69Page - Texas Instruments MSC1200 Datasheet HTML 70Page - Texas Instruments MSC1200 Datasheet HTML 71Page - Texas Instruments MSC1200 Datasheet HTML 72Page - Texas Instruments MSC1200 Datasheet HTML 73Page - Texas Instruments MSC1200 Datasheet HTML 74Page - Texas Instruments MSC1200 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
71
ADC Control 1 (ADCON1)
7
6
5
4
3
2
1
0
Reset Value
SFR DDh
OF_UF
POL
SM1
SM0
—
CAL2
CAL1
CAL0
00h
OF_UF
Overflow/Underflow. If this bit is set, the data in the Summation register is invalid; either an overflow or underflow
bit 6
occurred. This bit is cleared by writing a ‘0’ to it.
POL
Polarity. Polarity of the ADC result and Summation register.
bit 6
0 = Bipolar.
1 = Unipolar.
DIGITAL OUTPUT
(ADRESH:ADRESM:ADRESL)
POL
ANALOG INPUT
MSC1200
MSC1201
MSC1202(1)
+FSR
7FFFFFh
007FFFh
0
ZERO
000000h
000000h
0
−FSR
800000h
FF8000h
+FSR
FFFFFFh
00FFFFh
1
ZERO
000000h
000000h
1
−FSR
000000h
000000h
(1) The MSC1202 ADC result is sign-extended into ADRESH.
SM1−0
Settling Mode. Selects the type of filter or auto-select which defines the digital filter settling characteristics.
bits 5−4
SM1
SM0
SETTLING MODE
0
0
Auto
0
1
Fast Settling Filter
1
0
Sinc2 Filter
1
1
Sinc3 Filter
CAL2−0
Calibration Mode Control Bits. Writing to this register initiates calibration.
bits 2−0
CAL2
CAL1
CAL0
CALIBRATION MODE
0
0
0
No Calibration (default)
0
0
1
Self-Calibration, Offset and Gain
0
1
0
Self-Calibration, Offset only
0
1
1
Self-Calibration, Gain only
1
0
0
System Calibration, Offset only (requires external signal)
1
0
1
System Calibration, Gain only (requires external signal)
1
1
0
Reserved
1
1
1
Reserved
NOTE: Read value—000b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com