Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 16 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 12Page - Texas Instruments MSC1200 Datasheet HTML 13Page - Texas Instruments MSC1200 Datasheet HTML 14Page - Texas Instruments MSC1200 Datasheet HTML 15Page - Texas Instruments MSC1200 Datasheet HTML 16Page - Texas Instruments MSC1200 Datasheet HTML 17Page - Texas Instruments MSC1200 Datasheet HTML 18Page - Texas Instruments MSC1200 Datasheet HTML 19Page - Texas Instruments MSC1200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
16
TYPICAL CHARACTERISTICS: ALL DEVICES (Continued)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, ADC Bipolar Mode, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified.
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
ANALOG SUPPLY CURRENT
vs ANALOG SUPPLY VOLTAGE
Analog Supply Voltage (V)
2.5
3.5
4.5
5.5
3.0
4.0
5.0
−55_C
−40_C
+25
_C
+85
_C
+125
_C
PGA = 128
DV
DD =AVDD
V
REF = 1.25V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ADC POWER−SUPPLY CURRENT
vs PGA
PGA Setting
18
24
32
16
128
64
AV
DD = 5V, Buffer = ON
AV
DD = 5V, Buffer = OFF
AV
DD = 3V, Buffer = ON
AV
DD = 3V, Buffer = OFF
14
12
10
8
6
4
2
0
− 2
− 4
− 6
− 8
− 10
− 12
− 14
− 16
ADC OFFSET DAC:
OFFSET vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
+20 +40
+60
+80 +100 +120 +140
1.00008
1.00006
1.00004
1.00002
1
0.99998
0.99996
0.99994
0.99992
ADC OFFSET DAC:
GAIN vs TEMPERATURE
Temperature (
_C)
− 60 −40 −20
+140
+20
+40
+60 +80 +100 +120
0
DIGITAL SUPPLY CURRENT
vs EXTERNAL CLOCK FREQUENCY
Clock Frequency (MHz)
1
10
100
100
10
1
0.1
DV
DD =5V
Normal Mode
DV
DD =3V
Normal Mode
DV
DD =3V
Idle Mode
DV
DD =5V
Idle Mode
DIGITAL SUPPLY CURRENT vs CLOCK DIVIDER
Clock Frequency (MHz)
110
100
100
10
1
0.1
1024
Divider Values
2
1
4
8
16
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com