Electronic Components Datasheet Search
  English  ▼

X  

AS5130 Datasheet(PDF) 7 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 7 Page - ams AG

Back Button AS5130_07 Datasheet HTML 3Page - ams AG AS5130_07 Datasheet HTML 4Page - ams AG AS5130_07 Datasheet HTML 5Page - ams AG AS5130_07 Datasheet HTML 6Page - ams AG AS5130_07 Datasheet HTML 7Page - ams AG AS5130_07 Datasheet HTML 8Page - ams AG AS5130_07 Datasheet HTML 9Page - ams AG AS5130_07 Datasheet HTML 10Page - ams AG AS5130_07 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
6 - 41
AS5130
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40ºC to +125ºC, unless otherwise noted.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive Supply Voltage
Except OTP programming
4.5
5
5.5
V
DVDD
Polling Mode Supply Voltage
3.6
5
5.5
V
IDD
Power Supply Current
14
24
mA
Ioff
Power Down Mode
1.4
2
mA
N
Resolution
8bit
1.406
deg
TPwrUp
Power Up Time
Startup from zero
2000
µs
Startup with preset AGC - Polling mode
(Supplied during toff phase of VDD from the
external buffer capacitor via DVDD pin)
250
Startup from low power mode
150
tda
Propagation Delay
Analog signal path; over full temperature
range
15
17
µs
tdd
Tracking rate
Step rate of tracking ADC;
1 step = 1.406º
0.85
1.15
1.45
µs
tdelay
Signal Processing Delay
Total signal processing delay, Analog +
Digital + SSI readout
(tda + tdd + tSSI)
21.55
µs
T
Analog filter time constant
Internal lowpass filter
4.1
6.6
12.5
µs
INLcm
Accuracy
Centered Magnet
-2
2
Within horizontal displacement radius (see
parameters for magnet)
-3
3
TN
Transition Noise
rms (1 sigma)
0.235
PORr
Power-On-Reset levels
VDD rising
3.7
4
4,3
V
PORf
VDD falling
3.4
3.7
3.9
V
Parameters for Magnet
n
Rotational Speed
Frequencies above 1000 rpm causes an
additional not specified DNL Error
-30000
30000
rpm
MD
Magnet diameter
Diametrically magnetized
6
mm
MT
Magnet thickness
2.5
mm
Bi
Magnetic input range
Valid for use of full range of sensitivity
32
75
mT
s
Magnetic Sensitivity of AGC
AGC value available at SSI
0.5
5
LSB/mT
BDC
Magnetic Offset
Magnetic stray field without gradient
4
mT
DC/AC Characteristics for Digital Inputs and Outputs
CMOS Input
VIH
High level Input voltage
0.7 x
VDD
V
VIL
Low level Input Voltage
0.3 x
VDD
V
ILEAK
Input Leakage Current
1µA
CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com