Electronic Components Datasheet Search
  English  ▼

X  

AS5130 Datasheet(PDF) 19 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 19 Page - ams AG

Back Button AS5130_07 Datasheet HTML 15Page - ams AG AS5130_07 Datasheet HTML 16Page - ams AG AS5130_07 Datasheet HTML 17Page - ams AG AS5130_07 Datasheet HTML 18Page - ams AG AS5130_07 Datasheet HTML 19Page - ams AG AS5130_07 Datasheet HTML 20Page - ams AG AS5130_07 Datasheet HTML 21Page - ams AG AS5130_07 Datasheet HTML 22Page - ams AG AS5130_07 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
18 - 41
AS5130
Datasheet - Detailed Descr i pti on
Programming Verification. After programming, the programmed OTP bits are verified in following two ways:
By Digital Verification: This is simply done by sending a READ OTP command (#0FH, Refer to Table 10). The structure of this register is the
same as for the OTP PROG or OTP WRITE commands.
By Analog Verification: By sending an ANALOG OTP READ command (#09H), pin PROG becomes an output, sending an analog voltage with
each clock, representing a sequence of the bits in the OTP register. A voltage of <500mV indicates a correctly programmed bit (“1”) while a
voltage level between 2.2V and 3.5V indicates a correctly unprogrammed bit (“0”). Any voltage level in between indicates improper programming.
Figure 14. Analog OTP Verification
Redundancy Decoding. If a bit is not fused properly (analog readout levels violated), the redundancy bits can be used as shown in the table
below. Only one single bit can be overwritten with a logic HI. An improper fusing cannot be made undone.
<15:12>
replaced bit
<15:12>
replaced bit
0000
none
1000
7
0001
0
1001
8
0010
1
1010
9
0011
2
1011
10
0100
3
1100
11
0101
4
1101
none
0110
5
1110
none
0111
6
1111
none
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
CLK
DIO
PROG
VSS
AS5130
C1
I/O
Output
Output
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com