Electronic Components Datasheet Search
  English  ▼

X  

AS5130 Datasheet(PDF) 34 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 34 Page - ams AG

Back Button AS5130_07 Datasheet HTML 30Page - ams AG AS5130_07 Datasheet HTML 31Page - ams AG AS5130_07 Datasheet HTML 32Page - ams AG AS5130_07 Datasheet HTML 33Page - ams AG AS5130_07 Datasheet HTML 34Page - ams AG AS5130_07 Datasheet HTML 35Page - ams AG AS5130_07 Datasheet HTML 36Page - ams AG AS5130_07 Datasheet HTML 37Page - ams AG AS5130_07 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
33 - 41
AS5130
Datasheet - Application In form atio n
8.4.3 Choosing the Proper Magnet
There is no strict requirement on the type or shape of the magnet to be used with the AS5130. It can be cylindrical as well as square in shape.
The key parameter is that the vertical magnetic field Bz measured at a radius of 1mm from the rotation axis is sinusoidal with a peak amplitude of
20...80mT (see Figure 28).
Figure 28. Vertical Magnetic Fields of a Rotating Magnet
N
S
Magnet axis
Vertical field
component
(20…80mT)
0
360
360
Bz
Vertical field
component
R1 concentric circle;
radius 1.0 mm
R1
Magnet axis
typ. 6mm diameter
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com