Electronic Components Datasheet Search
  English  ▼

X  

AS5130 Datasheet(PDF) 31 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 31 Page - ams AG

Back Button AS5130_07 Datasheet HTML 27Page - ams AG AS5130_07 Datasheet HTML 28Page - ams AG AS5130_07 Datasheet HTML 29Page - ams AG AS5130_07 Datasheet HTML 30Page - ams AG AS5130_07 Datasheet HTML 31Page - ams AG AS5130_07 Datasheet HTML 32Page - ams AG AS5130_07 Datasheet HTML 33Page - ams AG AS5130_07 Datasheet HTML 34Page - ams AG AS5130_07 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
30 - 41
AS5130
Datasheet - Application In form atio n
8.4 Accuracy of the Encoder System
This section enlightens on the individual factors that influence the accuracy of the encoder system, and provides techniques to improve them.
Accuracy is defined as the difference between measured angle and actual angle. This is not to be confused with resolution, which is the smallest
step that the system can resolve. The two parameters are not necessarily linked together. A high resolution encoder may not necessarily be
highly accurate as well.
8.4.1 Quantization Error
There is however a direct link between resolution and accuracy, which is the quantization error:
Figure 25. Quantization Error of a Low Resolution and a High Resolution System
The resolution of the encoder determines the smallest step size. The angle error caused by quantization cannot get better than ± ½ LSB. As
shown in Figure 25, a higher resolution system (right picture) has a smaller quantization error, as the step size is smaller. For the AS5130, the
quantization error is ± ½ LSB = ± 0.7º
high
resolution
low
resolution
error
+1/2 LSB
-1/2 LSB
+1/2 LSB
-1/2 LSB
digitized
function
digitized
function
ideal function
ideal function
Quantization
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com