Electronic Components Datasheet Search
  English  ▼

X  

AS5130 Datasheet(PDF) 24 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 24 Page - ams AG

Back Button AS5130_07 Datasheet HTML 20Page - ams AG AS5130_07 Datasheet HTML 21Page - ams AG AS5130_07 Datasheet HTML 22Page - ams AG AS5130_07 Datasheet HTML 23Page - ams AG AS5130_07 Datasheet HTML 24Page - ams AG AS5130_07 Datasheet HTML 25Page - ams AG AS5130_07 Datasheet HTML 26Page - ams AG AS5130_07 Datasheet HTML 27Page - ams AG AS5130_07 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
23 - 41
AS5130
Datasheet - Detailed Descr i pti on
If the AS5130 is cycled between active and reduced current mode, a substantial reduction of the average supply current can be achieved. The
minimum dwelling time in active mode is the wake-up time. The actual active time depends on how much the magnet has moved while the
AS5130 was in reduced power mode. The angle data is valid, when the status bit LOCK has been set (see Table 9). Once a valid angle has been
measured, the AS5130 can be put back to reduced power mode. The average power consumption can be calculated as:
Iavg =
sampling interval = ton + toff
(EQ 7)
Where:
Iavg = Average current consumption
Iactive = Current consumption in active mode
Ipower_down = Current consumption in reduced power mode
ton = Time period during which the chip is operated in active mode
toff = Time period during which the chip is in reduced power mode
Reducing Power Supply Peak Currents. An optional RC-filter (Rx/Cx) may be added to avoid peak currents in the power supply line when
the AS5130 is toggled between active and reduced power mode. Rx must be chosen such that it can maintain a VDD voltage of 4.5 – 5.5V under
all conditions, especially during long active periods when the charge on Cx has expired. Cx should be chosen such that it can support peak
currents during the active operation period. For long active periods, Cx should be large and Rx should be small.
7.8.2 Power Cycling Mode
The power cycling method shown in Figure 17 cycles the AS5130 by switching it on and off, using an external PNP transistor high side switch.
The current consumption in off-mode is zero. It also has the longest start-up time of all modes, as the chip must always perform a “cold start“
from zero, which takes about 2ms (Compare with Low Power Mode on page 22).
Figure 17. Power Cycling Mode
The optional filter Rx/Cx may again be added to reduce peak currents in the 5V power supply line (see Reducing Power Supply Peak Currents
on page 23).
I
active
∗t
on
I
powerdown
∗t
off
+
t
on
t
off
+
---------------------------------------------------------------------
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
VSS
AS5130
C1
S
N
Ion
0
ton
toff
on/off
Rx
10k
ton toff
Cx
>µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com